Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6623 Datasheet(PDF) 21 Page - Analog Devices

Part # AD6623
Description  4-Channel, 104 MSPS Digital Transmit Signal Processor TSP
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6623 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD6623 Datasheet HTML 17Page - Analog Devices AD6623 Datasheet HTML 18Page - Analog Devices AD6623 Datasheet HTML 19Page - Analog Devices AD6623 Datasheet HTML 20Page - Analog Devices AD6623 Datasheet HTML 21Page - Analog Devices AD6623 Datasheet HTML 22Page - Analog Devices AD6623 Datasheet HTML 23Page - Analog Devices AD6623 Datasheet HTML 24Page - Analog Devices AD6623 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
REV. 0
AD6623
–21–
(2
–15)
2, or 0.00006103515625. The register values, in hexadecimal,
and the corresponding coefficient weight from positive full-scale
through zero to negative full-scale is illustrated in Table X.
Table X. Coefficient Weights
Register Value
Coefficient Weight
0x7FFF
1.999938964844
..
0x0001
0.00006103515625
0x0000
0
0xFFFF
–0.00006103515625
..
0x8001
–1.999938964844
0x8000
–2
Table XI shows the recommended b1 and b2 coefficients for the
respective oversampling rate.
Table XI. b1 and b2 Coefficients
Oversampling
b0
b1
b2
41
–1.45514
0.57832
51
–1.56195
0.64526
61
–1.63412
0.69414
81
–1.72513
0.76047
SCALE AND RAMP
Scale factors can be range from 0 to [CHF]–1/[CHF] with a
resolution 1/[CHF]
FINE SCALING
AD6623 allows fine scaling of the RCF output signal. A scale
factor of 12 to 14 bits is available through the Microport. The
Microport fine scale factor is located in Channel Register 0xn0E.
RCF POWER RAMPING
The output of the RCF will be multiplied by a 14-bit ramping
profile before entering the CIC filters. It is a RAM program-
mable engine that starts indexing through ramping coefficients
when the RAMP bit works its way through the chain. It will then
count a programmable number of samples and then RAMP down
in reverse order. This will allow the ramping values to update at
a modest rate relative to the DAC and still contain the spectral
leakage associated with the ramping. A user should provide
through the MicroPort the ramping coefficient values, the number
of samples to ramp up, and one bit to define the air-interface
standard. The programmable power ramp up/down unit allows
power ramping on time-slot basis as specified from some wireless
transmission technologies (e.g, TDMA).
CASCADED INTEGRATOR COMB (CIC)
INTERPOLATING FILTERS
The I and Q outputs of the RCF stage are interpolated by two
cascaded integrator comb (CIC) filters. The CIC section is sepa-
rated into three discrete blocks: a fifth order filter (CIC5), a second
order resampling filter (rCIC2), and a scaling block (CIC Scaling).
The CIC5 and rCIC2 blocks each exhibit a gain that changes with
respect to their rate change factors, LrCIC2, MrCIC2 and LCIC5. The
product of these gains must be compensated for in a shared CIC
Scaling block and can be done to within 6 dB The remaining
compensation can come from the RCF (in the form of coeffi-
cient scaling) or the fine scaling unit.
SERIAL
8PSK
MAPPER
SPH
[2:0]
[3:0]
PHASE
[3:0]
[3:0]
RPH
3
Figure 24. 3
π/8-8-PSK Mapper
MSK Look-Up Table
The MSK Look-Up Table mode for the RCF is selected in Control
Register 0x10C. In the MSK Mode, the RCF performs arbitrary
pulse-shaping based on four symbols of impulse response. For the
MSK Mode (3, [16] bits), the serial input format is 11 bits of scaling
(MSB first) followed by 1 bit of data. The 11 bits can be used to
scale the input data.
GMSK Look-Up Table
The GMSK Look-Up Table mode for the RCF is selected in Control
Register 0x10C. In the GMSK Mode, the RCF performs arbitrary
pulse-shaping based on four symbols of impulse response. For the
GMSK Mode (3, [16] bits), the serial input format is 11 bits of
scaling (MSB first) followed by 1 bit of data. The 11 bits can be used
to scale the input data.
QPSK Look-Up Table
The QPSK Filter mode for the RCF is selected in Control
Register 0xX0C. In the QPSK Mode, the RCF performs baseband
linear pulse-shaping based on filter impulse response up to 12
symbols. For the QPSK Mode (3, [16]bits), the serial input format
is 13 bits of scaling (MSB first) followed by one bit I and then
one bit Q. The 13 bits can be used to scale the input data.
PHASE EQUALIZER
The IS-95 Standard includes a phase equalizer after matched
filtering at the baseband transmit side of a base station. This
filter pre-distorts the transmitted signal at the base station in
order to compensate for the distortion introduced to the received
signal by the analog baseband filtering in a handset. The AD6623
includes this functionality in the form of an Infinite Impulse
Response (IIR) all-pass filter in the RCF. This Phase Equalizer
pre-distort filter has the following transfer function:
Hz
Yz
Xz
bz
b z
zb z
b
()
()
()
== ++
++
11
2
12
2
2
(9)
Z–1
Z–1
Z–1
Z–1
X(z)
Y(z)
b2
b1
Figure 25. Second Order All-Pass IIR Filter
The Phase Equalizer is enabled/disabled in Control Register
0xn0D Bit 5. The coefficients b1 and b2 are located in Control
Registers 0xn10 and 0xn11 respectively
The format for b1 and b2 is two’s complement fractional binary
with a range of (–2, 2). With one bit for sign at most significant bit
position there are 15 bits for magnitude. The value of one bit is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com