Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6623AS Datasheet(PDF) 10 Page - Analog Devices

Part # AD6623AS
Description  4-Channel, 104 MSPS Digital Transmit Signal Processor TSP
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6623AS Datasheet(HTML) 10 Page - Analog Devices

Back Button AD6623AS Datasheet HTML 6Page - Analog Devices AD6623AS Datasheet HTML 7Page - Analog Devices AD6623AS Datasheet HTML 8Page - Analog Devices AD6623AS Datasheet HTML 9Page - Analog Devices AD6623AS Datasheet HTML 10Page - Analog Devices AD6623AS Datasheet HTML 11Page - Analog Devices AD6623AS Datasheet HTML 12Page - Analog Devices AD6623AS Datasheet HTML 13Page - Analog Devices AD6623AS Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
REV. 0
AD6623
–10–
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD6623AS
–40
°C to +70°C (Ambient)
128-Lead MQFP (Metric Quad Flatpack)
S-128A
AD6623ABC
–40
°C to +85°C (Ambient)
196-Lead BGA (Ball Grid Array)
BC-196
AD6623S/PCB
MQFP Evaluation Board with AD6623 and Software
AD6623BC/PCB
BGA Evaluation Board with AD6623 and Software
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.6 V
Input Voltage . . . . . . . . . . . . . . –0.3 V to +5 V (5 V Tolerant)
Output Voltage Swing . . . . . . . . . . –0.3 V to VDDIO + 0.3 V
Load Capacitance . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200 pF
Junction Temperature Under Bias . . . . . . . . . . . . . . . . . 125
°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (5 sec) . . . . . . . . . . . . . . . . . . . . . . . 280
°C
*Stresses greater than those listed above may cause permanent damage to the
device. These are stress ratings only; functional operation of the devices at these
or any other conditions greater than those indicated in the operational sections of
this specification is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
THERMAL CHARACTERISTICS
128-Lead MQFP:
JA = 33
°C/W, no airflow
JA = 27
°C/W, 200 lfpm airflow
JA = 24
°C/W, 400 lfpm airflow
196-Lead BGA:
JA = 26.3
°C/W, no airflow
JA = 22
°C/W, 200 lfpm airflow
Thermal measurements made in the horizontal position on a
2-layer board.
EXPLANATION OF TEST LEVELS
I.
100% Production Tested
II.
100% Production Tested at 25
°C, and Sample Tested at
Specified Temperatures
III. Sample Tested Only
IV. Parameter Guaranteed by Design and Analysis
V.
Parameter is Typical Value Only
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD6623 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com