Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6623AS Datasheet(PDF) 25 Page - Analog Devices

Part # AD6623AS
Description  4-Channel, 104 MSPS Digital Transmit Signal Processor TSP
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6623AS Datasheet(HTML) 25 Page - Analog Devices

Back Button AD6623AS Datasheet HTML 21Page - Analog Devices AD6623AS Datasheet HTML 22Page - Analog Devices AD6623AS Datasheet HTML 23Page - Analog Devices AD6623AS Datasheet HTML 24Page - Analog Devices AD6623AS Datasheet HTML 25Page - Analog Devices AD6623AS Datasheet HTML 26Page - Analog Devices AD6623AS Datasheet HTML 27Page - Analog Devices AD6623AS Datasheet HTML 28Page - Analog Devices AD6623AS Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
REV. 0
AD6623
–25–
frequencies solely by spectral inversion. The digital IF is calcu-
lated using the equation:
ff
NCO
frequency
IF
NCO
=×
_
2
32
(21)
where:
NCO_frequency is the value written to 0xn02,
fIF is the desired intermediate frequency, and
fNCO is fCLK/2 for complex outputs and fCLK for real outputs.
Phase Dither
The AD6623 provides a phase dither option for improving the
spurious performance of the NCO. Phase dither is enabled by
writing a “1” to Bit 3 of Channel Register 0xn01. When phase
dither is enabled, spurs due to phase truncation in the NCO are
randomized. The choice of whether phase dither is used in a system
will ultimately be decided by the system goals and the choice of IF
frequency. The 18 most significant bits of the phase accumulator
are used by the angle to Cartesian conversion. If the NCO frequency
has all zeroes below the 18th bit, then phase dither has no effect.
If the fraction below the 18
th bit is near a 1/2 or 1/3 of the 18th
bit, then spurs will accumulate separated from the IF by 1/2 or
1/3 of the CLK frequency. The smaller the denominator of this
residual fraction, the larger the spurs due to phase truncation will
be. If the phase truncation spurs are unacceptably high for a given
frequency, then the phase dither can reduce these at the penalty
of a slight elevation in total error energy. If the phase truncation
spurs are small, then phase dither will not be effective in reducing
them further, but a slight elevation in total error energy will occur.
Amplitude Dither
Amplitude dither can also be used to improve spurious performance
of the NCO. Amplitude dither is enabled by writing a “1” to Bit 4
of Channel Register at 0xn01. When enabled, amplitude dither
can reduce spurs due to truncation at the input to the QAM. If
the entire frequency word is close to a fraction that has a small
denominator, the spurs due to amplitude truncation will be large
and amplitude dither will spread these spurs effectively. Amplitude
dither also will increase the total error energy by approximately
3 dB. For this reason amplitude dither should be used judiciously.
Phase Offset
The phase offset (Channel Register 0xn04) adds an offset to the
phase accumulator of the NCO. This is a 16-bit register that is
interpreted as a 16-bit unsigned integer. Phase offset ranges
from 0 to nearly 2 radians with a resolution of /32768 radians.
This register allows multiple NCOs to be synchronized to produce
sine waves with a known phase relationship.
NCO Frequency Update and Phase Offset Update Hold-Off
Counters
The update of both the NCO frequency and phase offset
can be synchronized with internal Hold-Off counters. Both of
these counters are 16-bit unsigned integers and are clocked at
the master CLK rate. These Hold-Off counters used in conjunc-
tion with the frequency or phase offset registers, allow beam
forming and frequency hopping. See the Synchronization section
of the data sheet for additional details. The NCO phase can also
be cleared on Sync (set to 0x0000) by setting Bit 2 of Channel
Register 0xn01 high.
NCO Control Scale
The output of the NCO can be scaled in four steps of 6 dB each
via Channel Register 0xn01, Bits 1–0. Table XV show a break-
down of the NCO Control Scale. The NCO always has loss to
accommodate the possibility that both the I and Q inputs may
reach full-scale simultaneously, resulting in a 3 dB input magnitude.
Table XV. NCO Control Scale
0xn01 Bit 1
0xn01 Bit 0
NCO Output Level
00
–6 dB (no attenuation)
01
–12 dB attenuation
10
–18 dB attenuation
11
–24 dB attenuation
SUMMATION BLOCK
The Summation Block of the AD6623 serves to combine the
outputs of each channel to create a composite multicarrier signal.
The four channels are summed together and the result is then
added with the 18-bit Wideband Input Bus (IN[17:0]). The final
summation is then driven on the 18-bit Wideband Output Bus
(OUT[17:0]) on the rising edge of the high speed clock. If the
OEN input is high then this output bus is three-stated. If the OEN
input is low then this bus will be driven by the summed data.
The OEN is active high to allow the Wideband Output Bus to
be connected to other busses without using extra logic. Most other
busses (like 374 type registers) require a low output enable, which is
opposite of the AD6623 OEN, thus eliminating extra circuitry.
The wideband parallel input IN[17:0] is defined as bidirectional,
to support dual parallel outputs. Each parallel output produces
the sum of two of the four internal TSPs and AD6623 that can
32
32
Q
D
PN
GEN.
NCO
FREQUENCY
WORD
16
PHASE
OFFSET
16
32
32
Q
D
ANGLE TO
CARTESIAN
CONVERSION
PN
GEN.
I DATA FROM
CIC5
Q DATA FROM
CIC5
I
Q
I, Q
CLK
ON
OFF
ON
OFF
32
32
MICROPROCESSOR
INTERFACE
Figure 31. Numerically Controlled Oscillator and QAM Mixer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com