Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6623AS Datasheet(PDF) 14 Page - Analog Devices

Part # AD6623AS
Description  4-Channel, 104 MSPS Digital Transmit Signal Processor TSP
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6623AS Datasheet(HTML) 14 Page - Analog Devices

Back Button AD6623AS Datasheet HTML 10Page - Analog Devices AD6623AS Datasheet HTML 11Page - Analog Devices AD6623AS Datasheet HTML 12Page - Analog Devices AD6623AS Datasheet HTML 13Page - Analog Devices AD6623AS Datasheet HTML 14Page - Analog Devices AD6623AS Datasheet HTML 15Page - Analog Devices AD6623AS Datasheet HTML 16Page - Analog Devices AD6623AS Datasheet HTML 17Page - Analog Devices AD6623AS Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
REV. 0
AD6623
–14–
196-PIN FUNCTION DESCRIPTIONS
Mnemonic
Type
Function
POWER SUPPLY
VDD
P
2.5 V Supply
VDDIO
P
3.3 V IO Supply
GND
G
Ground
INPUTS
INOUT[17:0]
1
I/O
A Input Data (Mantissa)
QIN
1
I
When HIGH Indicates Q Input Data (Complex Input Mode)
RESET2
I
Active LOW Reset Pin
CLK
1
I
Input Clock
SYNC0
1
I
All Sync Pins Go to All Four Output Channels
SYNC1
1
I
All Sync Pins Go to All Four Output Channels
SYNC2
1
I
All Sync Pins Go to All Four Output Channels
SYNC3
1
I
All Sync Pins Go to All Four Output Channels
SDINA
1
I
Serial Data Input—Channel A
SDINB
1
I
Serial Data Input—Channel B
SDINC
1
I
Serial Data Input—Channel C
SDIND
1
I
Serial Data Input—Channel D
CS
I
Active LOW Chip Select
CONTROL
SCLKA
I/O
Bidirectional Serial Clock—Channel A
SCLKB
I/O
Bidirectional Serial Clock—Channel B
SCLKC
I/O
Bidirectional Serial Clock—Channel C
SCLKD
I/O
Bidirectional Serial Clock—Channel D
SDFOA
O
Serial Data Frame Sync Output—Channel A
SDFOB
O
Serial Data Frame Sync Output—Channel B
SDFOC
O
Serial Data Frame Sync Output—Channel C
SDFOD
O
Serial Data Frame Sync Output—Channel D
SDFIA
I
Serial Data Frame Input—Channel A
SDFIB
I
Serial Data Frame Input—Channel B
SDFIC
I
Serial Data Frame Input—Channel C
SDFID
I
Serial Data Frame Input—Channel D
OEN
1
I
Active High Output Enable Pin
MICROPORT CONTROL
D[7:0]
I/O/T
Bidirectional Microport Data
A[2:0]
I
Microport Address Bus
DS (RD)
I
Active Low Data Strobe (Active Low Read)
DTACK (RDY)2
O/T
Active Low Data Acknowledge (Microport Status Bit)
RW (
WR)
I
Read Write (Active Low Write)
MODE
I
Intel or Motorola Mode Select
OUTPUTS
OUT[17:0]
O
Wideband Output Data
QOUT
O
When HIGH Indicates Q Output Data (Complex Output Mode)
JTAG AND BIST
TRST2
I
Test Reset Pin (Active Low)
TCK1
I
Test Clock Input
TMS
2
I
Test Mode Select Input
TDO
O/T
Test Data Output
TDI1
I
Test Data Input
NOTES
1Pins with a Pull-Down resistor of nominal 70 k
Ω.
2Pins with a Pull-Up resistors of nominal 70 k
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com