Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6640PCB Datasheet(PDF) 5 Page - Analog Devices

Part # AD6640PCB
Description  12-Bit, 65 MSPS IF Sampling A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6640PCB Datasheet(HTML) 5 Page - Analog Devices

  AD6640PCB Datasheet HTML 1Page - Analog Devices AD6640PCB Datasheet HTML 2Page - Analog Devices AD6640PCB Datasheet HTML 3Page - Analog Devices AD6640PCB Datasheet HTML 4Page - Analog Devices AD6640PCB Datasheet HTML 5Page - Analog Devices AD6640PCB Datasheet HTML 6Page - Analog Devices AD6640PCB Datasheet HTML 7Page - Analog Devices AD6640PCB Datasheet HTML 8Page - Analog Devices AD6640PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD6640
REV. 0
–5–
PIN FUNCTION DESCRIPTIONS
Pin No.
Name
Function
1, 2, 36, 37, 40, 41
DVCC
+3.3 V/+5 V Power Supply (Digital). Powers output stage only.
3
ENCODE
Encode Input. Data conversion initiated on rising edge.
4
ENCODE
Complement of ENCODE. Drive differentially with ENCODE or bypass to
Ground for single-ended clock mode. See Encoding the AD6640 section.
5, 6, 13, 14, 17, 18, 21,
22, 24, 34, 35, 38, 39
GND
Ground.
7
AIN
Analog Input.
8
AIN
Complement of Analog Input.
9VREF
Internal Voltage Reference. Nominally +2.4 V. Bypass to Ground with
0.1
µF + 0.01 µF microwave chip capacitor.
10
C1
Internal Bias Point. Bypass to ground with 0.01
µF capacitor.
11, 12, 15, 16, 19, 20
AVCC
+5 V Power Supply (Analog).
23
NC
No Connect.
25
D0 (LSB)
Digital Output Bit (Least Significant Bit).
26–33
D1–D8
Digital Output Bits.
42, 43
D9–D10
Digital Output Bits.
44
D11 (MSB)1
Digital Output Bit (Most Significant Bit).
NOTE
1Output coded as twos complement.
PIN CONFIGURATION
3
4
5
6
7
1
2
10
11
8
9
40 39 38
41
42
43
44
36
35 34
37
29
30
31
32
33
27
28
25
26
23
24
12 13
14 15
16 17 18 19 20 21 22
PIN 1
TOP VIEW
(Not to Scale)
D8
D7
D6
D5
D4
D3
D2
AD6640
DVCC
DVCC
ENCODE
ENCODE
GND
GND
AIN
NC = NO CONNECT
VREF
C1
AVCC
D1
D0 (LSB)
GND
NC
AIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com