Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6640PCB Datasheet(PDF) 19 Page - Analog Devices

Part # AD6640PCB
Description  12-Bit, 65 MSPS IF Sampling A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6640PCB Datasheet(HTML) 19 Page - Analog Devices

Back Button AD6640PCB Datasheet HTML 15Page - Analog Devices AD6640PCB Datasheet HTML 16Page - Analog Devices AD6640PCB Datasheet HTML 17Page - Analog Devices AD6640PCB Datasheet HTML 18Page - Analog Devices AD6640PCB Datasheet HTML 19Page - Analog Devices AD6640PCB Datasheet HTML 20Page - Analog Devices AD6640PCB Datasheet HTML 21Page - Analog Devices AD6640PCB Datasheet HTML 22Page - Analog Devices AD6640PCB Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD6640
REV. 0
–19–
System Requirements
Figure 46 shows a typical wideband receiver subsystem based
around the AD6640. This strip consists of a wideband IF filter,
amplifier, ADC, latches, channelizer and interface to a digital
signal processor. This design shows a typical clocking scheme
used in many receiver designs. All timing within the system is
referenced back to a single clock. While this is not necessary, it
does facilitate PLL design, ease of manufacturing, system test,
and calibration. Keeping in mind that the overall performance
goal is to maintain the best possible dynamic range, many con-
siderations must be made.
One of the biggest challenges is selecting the amplifier used to
drive the AD6640. Since this is a communications application,
it is common to directly sample an intermediate frequency (IF)
signal. As such, IF gain blocks can be implemented instead of
baseband op amps. For these gain block amplifiers, the critical
specifications are third order intercept point and noise figure. A
bandpass filter will remove harmonics generated within the
amplifier, but intermods should be better than the performance
of the A/D converter. In the case of the AD6640, amplifier
intermods must be better than –80 dBFS when driving full-
scale power. As mentioned earlier, there are several amplifiers
to choose from and the specifications depend on the end
application. Figure 47 shows a typical multitone test.
FREQUENCY – MHz
0
–80
–120
–40
–100
–20
–60
dc
32.5
6.5
13.0
19.5
26.0
ENCODE = 65MSPS
Figure 47. Multitone Performance
Two other key considerations for the digital wideband receiver
are converter sample rate and IF frequency range. Since per-
formance of the AD6640 converter is largely independent of
both sample rate and analog input frequency (Figures 10, 11
and 16), the designer has greater flexibility in the selection of
these parameters. Also, since the AD6640 is a bipolar device,
power dissipation is not a function of sample rate. Thus there is
no penalty paid in power by operating at faster sample rates. All
of this is good because, by carefully selecting input frequency
range and sample rate, some of the drive amplifier and ADC
harmonics can actually be placed out-of-band.
For example, if the system has second and third harmonics that
are unacceptably high, by carefully selecting the encode rate and
signal bandwidth, these second and third harmonics can be
placed out-of-band. For the case of an encode rate equal to
60 MSPS and a signal bandwidth of 7.5 MHz, placing the fun-
damental at 7.5 MHz places the second and third harmonics out
of band as shown in the table below.
Table II.
Encode Rate
60 MSPS
Fundamental
7.5 MHz–15 MHz
Second Harmonic
15 MHz–30 MHz
Third Harmonic
22.5 MHz–30 MHz, 30 MHz–15 MHz
Another option can be found through bandpass sampling. If the
analog input signal range is from dc to FS/2, then the amplifier
and filter combination must perform to the specification re-
quired. However, if the signal is placed in the third Nyquist
zone (FS to 3 FS/2), the amplifier is no longer required to meet
the harmonic performance required by the system specifications
since all harmonics would fall outside the passband filter. For
example, the passband filter would range from FS to 3 FS/2.
The second harmonic would span from 2 FS to 3 FS, well out-
side the passband filter’s range. The burden then has been passed
off to the filter design provided that the ADC meets the basic
specifications at the frequency of interest. In many applications,
this is a worthwhile tradeoff since many complex filters can
easily be realized using SAW and LCR techniques alike at these
relatively high IF frequencies. Although harmonic performance
of the drive amplifier is relaxed by this technique, intermodula-
tion performance cannot be sacrificed since intermods must be
assumed to fall in-band for both amplifiers and converters.
Noise Floor and SNR
Oversampling is sampling at a rate that is greater than twice the
bandwidth of the signal desired. Oversampling does not have
anything to do with the actual frequency of the sampled sig-
nal, it is the bandwidth of the signal that is key. Bandpass or
“IF” sampling refers to sampling a frequency that is higher than
Nyquist and often provides additional benefits such as down
conversion using the ADC and replacing a mixer with a track-
and-hold. Oversampling leads to processing gains because the
PRESELECT
FILTER
LNA
5–15MHz
PASSBAND
348
CMOS
BUFFER
D11
D0
+3.3V (D)
+5V (A)
AD6640
AIN
ENCODE
ENCODE
M/N PLL
SYNTHESIZER
LO
DRIVE
REF
IN
1900MHz
REFERENCE
CLOCK
65.00MHz
12
AD6620
(REF. FIG 45)
I & Q
DATA
CLK
ADSP-2181
NETWORK
CONTROLLER
INTERFACE
AIN
Figure 46. Simplified Wideband PCS Receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com