Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6640PCB Datasheet(PDF) 8 Page - Analog Devices

Part # AD6640PCB
Description  12-Bit, 65 MSPS IF Sampling A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6640PCB Datasheet(HTML) 8 Page - Analog Devices

Back Button AD6640PCB Datasheet HTML 4Page - Analog Devices AD6640PCB Datasheet HTML 5Page - Analog Devices AD6640PCB Datasheet HTML 6Page - Analog Devices AD6640PCB Datasheet HTML 7Page - Analog Devices AD6640PCB Datasheet HTML 8Page - Analog Devices AD6640PCB Datasheet HTML 9Page - Analog Devices AD6640PCB Datasheet HTML 10Page - Analog Devices AD6640PCB Datasheet HTML 11Page - Analog Devices AD6640PCB Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD6640
–8–
REV. 0
–Typical Performance Characteristics
FREQUENCY – MHz
0
60
100
dc
32.5
6.5
13.0
19.5
26.0
40
80
20
120
ENCODE = 65MSPS
AIN = 2.2MHz
4
8
9
5
37
6
2
Figure 7. Single Tone at 2.2 MHz
FREQUENCY – MHz
0
60
100
dc
32.5
6.5
13.0
19.5
26.0
40
80
20
120
ENCODE = 65MSPS
AIN = 15.5MHz
48
9
5
37
62
Figure 8. Single Tone at 15.5 MHz
FREQUENCY – MHz
0
60
100
dc
32.5
6.5
13.0
19.5
26.0
40
80
20
120
ENCODE = 65MSPS
AIN = 31.0MHz
48
95
3
7
6
2
Figure 9. Single Tone at 31.0 MHz
ANALOG INPUT FREQUENCY – MHz
070
7
14
21
28
35
42
49
56
63
81
79
78
77
80
T = +25 C
T = –40 C, +85 C
ENCODE = 65MSPS
TEMP = –40 C, +25 C, & +85 C
Figure 10. Harmonics vs. AIN
ANALOG INPUT FREQUENCY – MHz
070
7
14
21
28
35
42
49
56
63
69
67
66
65
68
ENCODE = 65MSPS
TEMP = –40 C, +25 C, & +85 C
T = +25 C
T = –40 C
T = +85 C
Figure 11. Noise vs. AIN
ENCODE = 65MSPS
ANALOG INPUT FREQUENCY – MHz
90
80
30
1
100
10
60
50
40
70
2
4
20
40
200 300
WORST OTHER SPUR
HARMONICS (2nd, 3rd)
SNR
Figure 12. Harmonics, Noise vs. AIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com