Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7013 Datasheet(PDF) 18 Page - Analog Devices

Part # 7013
Description  CMOS TIA IS-54 Baseband Receive Port
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

7013 Datasheet(HTML) 18 Page - Analog Devices

Back Button 7013 Datasheet HTML 12Page - Analog Devices 7013 Datasheet HTML 13Page - Analog Devices 7013 Datasheet HTML 14Page - Analog Devices 7013 Datasheet HTML 15Page - Analog Devices 7013 Datasheet HTML 16Page - Analog Devices 7013 Datasheet HTML 17Page - Analog Devices 7013 Datasheet HTML 18Page - Analog Devices 7013 Datasheet HTML 19Page - Analog Devices 7013 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
–18–
REV. A
AD7013
40
0
10
20
30
FREQUENCY – kHz
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
0
–10
40
0
10
20
30
FREQUENCY – kHz
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
0
–10
Q Channel Digital Mode FFT; MCLK = 6.2208 MHz
π/4 DQPSK Constellation Diagram; Typical Error Vector
2% RMS
π/4 DQPSK I and Q Receive Samples
I Channel Digital Mode FFT; MCLK = 6.2208 MHz
Q Channel Analog Mode FFT; MCLK = 5.12 MHz
I Channel Analog Mode FFT; MCLK = 5.12 MHz
48.6
0
12.15
24.3
36.45
FREQUENCY – kHz
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
0
–10
48.6
0
12.15
24.3
36.45
FREQUENCY – kHz
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
0
–10
1
–1
0
0
–1
1
I SAMPLES
1
–1
0
0
–1
1
I SAMPLES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com