Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7013 Datasheet(PDF) 3 Page - Analog Devices

Part # 7013
Description  CMOS TIA IS-54 Baseband Receive Port
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

7013 Datasheet(HTML) 3 Page - Analog Devices

  7013 Datasheet HTML 1Page - Analog Devices 7013 Datasheet HTML 2Page - Analog Devices 7013 Datasheet HTML 3Page - Analog Devices 7013 Datasheet HTML 4Page - Analog Devices 7013 Datasheet HTML 5Page - Analog Devices 7013 Datasheet HTML 6Page - Analog Devices 7013 Datasheet HTML 7Page - Analog Devices 7013 Datasheet HTML 8Page - Analog Devices 7013 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Parameter
AD7013A
Units
Test Conditions/Comments
AUXILIARY SECTION
AUX DAC1 AUX DAC2 AUX DAC3
Resolution
10
8
8
Bits
DC Accuracy
Integral
±3
±1
±1
LSBs max
Differential
–1.5/+4
±1
±1
LSBs max
AUX DAC2 & AUX DAC3 Guaranteed
Monotonic
Zero Code Leakage
±500
±500
±500
nA max
Gain Error
±7.5
±7.5
±7.5
% max
Output Full-Scale Current
566
280
280
µAR
SET = 18 kΩ
Output Impedance4
2M
Ω typ
Output Voltage Compliance
2.6
Volts max
Coding
Binary
Power Down Option
Yes
REFERENCE SPECIFICATIONS
V
REF
1.23
Volts typ
Reference Accuracy
±5
% max
Reference Impedance
20
k
Ω typ
LOGIC INPUTS
V
INH, Input High Voltage
V
DD–0.9
V min
V
INL, Input Low Voltage
0.9
V max
I
INH, Input Current
10
µA max
C
IN, Input Capacitance
10
pF max
LOGIC OUTPUTS
V
OH, Output High Voltage
V
DD–0.4
V min
|I
OUT| ≤ 40 µA
V
OL, Output Low Voltage
0.4
V max
|I
OUT| ≤ 1.6 mA
POWER SUPPLIES
V
DD
4.5/5.5
V
MIN/VMAX
I
DD
5
All Sections Active
10.5
mA max
CR14 = CR15 = CR16 = CR17 = 1
9
mA typ
MCLK = 6.2208 MHz; 80 pF
Load on DxCLK
ADCs Active Only
8.6
mA max
CR14 = 1; CR15 = CR16 = CR17 = 0
MCLK = 6.2208 MHz; 80 pF
Load on DxCLK
AUX DACs Active Only
2.2
mA max
CR14 = 0; CR15 = CR16 = CR17 = 1;
MCLK Inactive, MCLK = 0 V
10-Bit AUX DAC Active
1.6
mA max
CR14 = CR15 = CR16 = 0; CR17 = 1;
MCLK Inactive, MCLK = 0 V
All Sections Powered Down6
2
mA max
CR14 = CR15 = CR16 = CR17 = 0
MCLK = 6.2208 MHz; 80 pF
Load on DxCLK
30
µA typ
MCLK =100 kHz; 80 pF
Load on DxCLK
10
µA max
MCLK Inactive, MCLK = 0 V
NOTES
1Operating temperature ranges as follows: A version: –40
°C to +85°C.
2SNR calculation includes noise and distortion components.
3See Terminology.
4Sampled tested only.
5Measured while the digital inputs are static and equal to 0 V or V
DD.
6With all sections powered down, I
DD is proportional to the capacitive load on DxCLK. For example, I DD is typically 1.7 mA with 80 pF load and 600 µA with
10 pF load.
Specifications subject to change without notice.
–3–
REV. A
AD7013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com