Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7013 Datasheet(PDF) 4 Page - Analog Devices

Part # 7013
Description  CMOS TIA IS-54 Baseband Receive Port
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

7013 Datasheet(HTML) 4 Page - Analog Devices

  7013 Datasheet HTML 1Page - Analog Devices 7013 Datasheet HTML 2Page - Analog Devices 7013 Datasheet HTML 3Page - Analog Devices 7013 Datasheet HTML 4Page - Analog Devices 7013 Datasheet HTML 5Page - Analog Devices 7013 Datasheet HTML 6Page - Analog Devices 7013 Datasheet HTML 7Page - Analog Devices 7013 Datasheet HTML 8Page - Analog Devices 7013 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
–4–
REV. A
AD7013
ABSOLUTE MAXIMUM RATINGS1
(T
A = +25°C unless otherwise noted)
V
AA, VDD to GND
......................... –0.3 V to +7 V
AGND to DGND ........................ –0.3 V to +0.3 V
Digital I/O Voltage to DGND ........... –0.3 V to V
DD +0.3 V
Analog I/O Voltage to AGND ........... –0.3 V to V
DD +0.3 V
Operating Temperature Range
Industrial (A Version) ................... –40
°C to +85°C
Storage Temperature Range ............... –65
°C to +150°C
Maximum Junction Temperature ................... +150
°C
SSOP
θ
JA Thermal Impedance .................... +122°C/W
Lead Temperature Soldering
Vapor Phase (60 sec) ........................... +215
°C
Infrared (15 sec) .............................. +220
°C
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause perma-
nent damage to the device. This is a stress rating only and functional operation of
the device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions extended periods may affect device reliability.
TERMINOLOGY
Sampling Rate
This is the rate at which the modulators on the receive channels
sample the analog input.
Output Rate
This is the rate at which data words are made available at the
RxDATA pin.
Integral Nonlinearity
This is the maximum deviation from a straight line passing through
the endpoints of the DAC or ADC transfer function.
Differential Nonlinearity
This is the difference between the measured and the ideal 1 LSB
change between any two adjacent codes in the DAC or ADC.
Dynamic Range
Dynamic Range is the ratio of the maximum rms input signal to the
rms noise of the converter, expressed logarithmically, in decibels
(dB = 20 log
10 [ratio]).
Signal to (Noise + Distortion) Ratio
This is the measured ratio of signal to (noise + distortion) at the
output of the receive channel. The signal is the rms amplitude of
the fundamental. Noise is the rms sum of all nonfundamental
signals up to half the sampling frequency (f
S/2), excluding dc.
The
ratio is dependent upon the number of quantization levels in the
digitization process; the more levels, the smaller the quantization
noise. The theoretical signal to (noise + distortion) ratio for a sine
wave is given by:
Signal to (Noise
+ Distortion) = (6.02N + 1.76) dB
Settling Time
This is the digital filter settling time in the AD7013 receive section.
Bias Offset Error
This is the amount of offset in the receive channel ADC when the
differential inputs are tied together.
Receive Error Vector Magnitude
This is a measure of the rms signal error vector introduced by the
receive Root-Raised Cosine digital filter. This is measured by
applying an ideal transmit signal (i.e., an ideal
π/4 DQPSK
modulator and an ideal transmit Root-Raised Cosine filter) to the
receive channel and measuring the resulting rms error vector.
Offset Vector Magnitude
This is a measure of the offset vector introduced by the AD7013 as
illustrated in the figure below. The offset vector is calculated so as to
minimize the rms error vector for each of the constellation points.
ERROR
VECTOR
SIGNAL
VECTOR
OFFSET
VECTOR
Q
I
PIN CONFIGURATION
VAA
IRx
BYPASS
AGND
AUX IRx
QRx
AUX QRx
AUX DAC1
AUX DAC2
AUX DAC3
AUX IRx
IRx
FS ADJUST
AGND
QRx
VDD
AUX QRx
MCLK
AGND
DxCLK
MODE1
DATA IN
Rx FRAME
FRAME IN
Rx DATA
DGND
Rx CLK
FRAME OUT
13
1
2
5
6
7
3
4
8
9
10
11
12
14
18
28
27
24
23
22
26
25
21
20
19
17
16
15
TOP VIEW
(Not to Scale)
AD7013
ORDERING GUIDE
Model
Temperature Range
Package Option*
AD7013ARS
–40
°C to +85°C
RS-28
*RS = SSOP.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
this device features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recom-
mended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com