Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3021 Datasheet(PDF) 1 Page - Littelfuse

Part # SP3021
Description  The SP3021 includes back-to-back TVS diodes fabricated in a proprietary silicon avalanche technology to provide protection for electronic equipment that may experience destructive electrostatic discharges (ESD).
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3021 Datasheet(HTML) 1 Page - Littelfuse

  SP3021 Datasheet HTML 1Page - Littelfuse SP3021 Datasheet HTML 2Page - Littelfuse SP3021 Datasheet HTML 3Page - Littelfuse SP3021 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
©2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/SPA for current information.
TVS Diode Arrays (SPA™Family of Products)
Revision: June 4, 2012
SP3021 Series
Low Capacitance ESD Protection - SP3021 Series
Description
Features
Applications
The SP3021 includes back-to-back TVS diodes fabricated
in a proprietary silicon avalanche technology to provide
protection for electronic equipment that may experience
destructive electrostatic discharges (ESD). These robust
diodes can safely absorb repetitive ESD strikes up to the
maximum level specified in the IEC61000-4-2 international
standard without performance degradation. The back-to-
back configuration provides symmetrical ESD protection for
data lines when AC signals are present.
• ESD protection of ±8kV
contact discharge,
±15kV air discharge,
(IEC61000-4-2)
• EFT, IEC61000-4-4, 40A
(5/50ns)
• Lightning protection,
IEC61000-4-5, 2A
(t
p=8/20µs)
• Low capacitance of 0.5pF
@ V
R=0V
• Low leakage current of
1μA at 5V
• 0402 small footprint
available
• USB 3.0/USB 2.0
• MHL/MIPI/MDDI
• HDMI, Display Port,
eSATA
• Set Top Boxes, Game
Consoles
• Smart Phones
• External Storage
• Ultrabooks, Notebooks
• Tablets, eReaders
Pinout
Functional Block Diagram
1
2
Life Support Note:
Not Intended for Use in Life Support or Life Saving Applications
The products shown herein are not designed for use in life sustaining or life saving
applications unless otherwise expressly indicated.
RoHS
Pb GREEN
USB3.0 Application Example
SP3021 Series 0.5pF 8kV Bidirectional Discrete TVS
1
2
USB Port
USB Controller
Signal Ground
IC
*Packages are shown as transparent
SP1003
D+
D-
SSTX+
SSTX-
SSRX+
SSRX-
VBUS
SP3021x6
Pin 1


Similar Part No. - SP3021

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SP3020R SECOS-SP3020R Datasheet
287Kb / 2P
30.0AMP Schottky Barrier Rectifiers
logo
Littelfuse
SP3022 LITTELFUSE-SP3022 Datasheet
860Kb / 5P
SP3022 Series 0.35pF 20kV Bidirectional Discrete TVS
SP3022-01ETG LITTELFUSE-SP3022-01ETG Datasheet
860Kb / 5P
SP3022 Series 0.35pF 20kV Bidirectional Discrete TVS
SP3022-01WTG LITTELFUSE-SP3022-01WTG Datasheet
860Kb / 5P
SP3022 Series 0.35pF 20kV Bidirectional Discrete TVS
SP3025-04HTG LITTELFUSE-SP3025-04HTG Datasheet
1Mb / 5P
TVS Diode Arrays (SPA? ? DDiiooddeess)) Lightning Surge Protection- SP3384NUTG
Revision: 01/14/20
More results

Similar Description - SP3021

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MSS40 STMICROELECTRONICS-MSS40 Datasheet
150Kb / 5P
BACK TO BACK SCR MODULE
Sep-2000
logo
Littelfuse
SP1008 LITTELFUSE-SP1008 Datasheet
1Mb / 4P
The SP1008 includes back-to-back TVS diodes fabricated in a proprietary silicon avalanche technology to provide...
SP1006 LITTELFUSE-SP1006 Datasheet
1Mb / 4P
Zener diodes fabricated in a proprietary silicon avalanche technology protect each I/O pin to provide a high level of protection for electronic equipment that may experience...
SP3031 LITTELFUSE-SP3031 Datasheet
1Mb / 4P
The SP3031 includes low capacitance rail to rail diodes with an additional Zener diode to provide protection for electronic equipment that may experience destructive electrostatic discharges (ESD).
AQ2555NUTG LITTELFUSE-AQ2555NUTG Datasheet
2Mb / 5P
The AQ2555NUTG is a low-capacitance, TVS Diode Array designed to provide protection against ESD
SP1026 LITTELFUSE-SP1026 Datasheet
2Mb / 5P
Zener diodes fabricated in a proprietary silicon avalanche technology protect each I/O pin to provide a high level of protection for electronic equipment that may experience
SP1043 LITTELFUSE-SP1043 Datasheet
2Mb / 4P
Zener diodes fabricated in a proprietary silicon avalanche technology protect each I/O pin to provide a high level of protection for electronic equipment that may experience
logo
Infineon Technologies A...
AUIR3241S INFINEON-AUIR3241S Datasheet
807Kb / 19P
high side Mosfet driver for back to back topology targeting back to back switch
Rev 1.01 2017-09-12
logo
Micro Commercial Compon...
ESDSB5V0D3BHE3 MCC-ESDSB5V0D3BHE3 Datasheet
1Mb / 4P
Snap Back ESD Protection Device
Rev.3-1-01042023
logo
Guangdong Youtai Semico...
ESD5Z3V3 UMW-ESD5Z3V3 Datasheet
298Kb / 4P
The ESD5Z3V3 is a transient voltage suppressors (TVS) which provide a very high level protection for sensitive electronic components that may be subjected to electrostatic discharge (ESD).
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com