Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA Datasheet(PDF) 14 Page - Exar Corporation

Part # SDA
Description  Quad Channel Digital PWM/PFM Programmable Power Management System
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SDA Datasheet(HTML) 14 Page - Exar Corporation

Back Button SDA Datasheet HTML 10Page - Exar Corporation SDA Datasheet HTML 11Page - Exar Corporation SDA Datasheet HTML 12Page - Exar Corporation SDA Datasheet HTML 13Page - Exar Corporation SDA Datasheet HTML 14Page - Exar Corporation SDA Datasheet HTML 15Page - Exar Corporation SDA Datasheet HTML 16Page - Exar Corporation SDA Datasheet HTML 17Page - Exar Corporation SDA Datasheet HTML 18Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
X
XR
RP
P7
77
72
24
4
Q
Qu
ua
ad
d C
Ch
ha
an
nn
ne
ell D
Diig
giitta
all P
PW
WM
M/
/P
PF
FM
M
P
Prro
og
grra
am
mm
ma
ab
blle
e P
Po
ow
we
err M
Ma
an
na
ag
ge
em
me
en
ntt S
Sy
ys
stte
em
m
© 2012 Exar Corporation
14/29
Rev. 1.0.1
THEORY OF OPERATION
CHIP ARCHITECTURE
REGULATION LOOPS
Error
Amp
AFE
ADC
Error
Register
PID
DPWM
Gate
Driver
Vref
DAC
Scalar
÷1,2,4
PFM/
Ultrasonic
Vin Feed
Forward
GHx
GLx
LXx
PWM-
PFM Sel
Current
ADC
Window
Comp.
OVS
VFB
(VOUTx)
Vin
(VCC)
Vdrive
(VCCD)x
Fine
Adjust
AFE
Fig 16 XRP7724 Regulation Loops
Figure 16 shows a functional block diagram of
the regulation loops for an output channel.
There are four separate parallel control loops;
Pulse
Width
Modulation
(PWM),
Pulse
Frequency Modulation (PFM), Ultrasonic, and
Over Sampling (OVS). Each of these loops is
fed by the Analog Front End (AFE) as shown at
the left of the diagram. The AFE consist of an
input voltage scalar, a programmable Voltage
Reference (Vref) DAC, Error Amplifier, and a
window comparator. (Please note that the
block diagram shown is simplified for ease of
understanding. Some of the function blocks
are common and shared by each channel by
means of a multiplexer.)
PWM Loop
The PWM loop operates in Voltage Control
Mode (VCM) with optional Vin feed forward
based on the voltage at the VCC pin. The
reference voltage (Vref) for the error amp is
created by a 0.15V to 1.6V DAC that has a
12.5mV resolution. In order to get a full 0.6V
to 5.5V output voltage range an input scalar is
used to reduce feedback voltages for higher
output voltages to bring them within the 0.15V
to 1.6V control range. So for output voltages
up to 1.6V (low range) the scalar has a gain of
1. For output voltages from 1.6V to 3.2V (mid
range) the scalar gain is 1/2 and for voltages
greater than 3.2V (high range) the gain is 1/4.
This results in the low range having a
reference voltage resolution of 12.5mV, mid
range of 25mV and the high range having a
resolution of 50mV. The error amp has a gain
of 4 and compares the output voltage of the
scalar to Vref to create an error voltage on its
output. This is converted to a digital error
term by the AFE ADC which is stored in the
error register. The error register has a fine
adjust function that can be used to improve
the output voltage set point resolution by a
factor of 5 resulting in a low range resolution
of 2.5mV, mid range resolution of 5mV and a
high range resolution of 10mV. The output of
the error resister is then used by the
Proportional
Integral
Derivative
(PID)
controller to manage the loop dynamics.
The XRP7724 PID is a 17-bit five coefficient
control engine that calculates the correct duty
cycle under the various operating conditions
and feeds it to the Digital Pulse Width
Modulator
(DPWM).
Besides
the
normal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com