Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA Datasheet(PDF) 19 Page - Exar Corporation

Part # SDA
Description  Quad Channel Digital PWM/PFM Programmable Power Management System
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SDA Datasheet(HTML) 19 Page - Exar Corporation

Back Button SDA Datasheet HTML 15Page - Exar Corporation SDA Datasheet HTML 16Page - Exar Corporation SDA Datasheet HTML 17Page - Exar Corporation SDA Datasheet HTML 18Page - Exar Corporation SDA Datasheet HTML 19Page - Exar Corporation SDA Datasheet HTML 20Page - Exar Corporation SDA Datasheet HTML 21Page - Exar Corporation SDA Datasheet HTML 22Page - Exar Corporation SDA Datasheet HTML 23Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
X
XR
RP
P7
77
72
24
4
Q
Qu
ua
ad
d C
Ch
ha
an
nn
ne
ell D
Diig
giitta
all P
PW
WM
M/
/P
PF
FM
M
P
Prro
og
grra
am
mm
ma
ab
blle
e P
Po
ow
we
err M
Ma
an
na
ag
ge
em
me
en
ntt S
Sy
ys
stte
em
m
© 2012 Exar Corporation
19/29
Rev. 1.0.1
SUPERVISORY AND CONTROL
Power system design with XRP7724 is
accomplished using PowerArchitect™ design
tool version 5 (PA5). All figures referenced in
the following sections are taken from PA5.
Furthermore, the following sections reference
I2C commands. For more on these commands
please refer to ANP-38.
DIGITAL I/O
XRP7724 has two General Purpose Input
Output (GPIO) and three Power System Input
Output (PSIO) user configurable pins.
 GPIOs are 3.3V CMOS logic compatible
and 5V tolerant.
 PSIO configured as outputs are open
drain
and
require
external
pull-up
resistor. These I/Os are 3.3V and 5V
CMOS logic compatible, and up to 15V
capable.
The polarity of the GPIO/PSIO pins is set in
PA5 or with an I2C command.
Configuring GPIO/PSIOs
The following functions can be controlled from
or forwarded to any GPIO/PSIO:
 General Output – set with
an I2C
command
 General Input – triggers an interrupt;
state read with an I2C command
 Power
Group
Enable
–
controls
enabling and disabling of Group 1 and
Group 2
 Power Channel Enable – controls
enabling and disabling of a individual
channel including LDO3.3
 I2C Address Bit – controls an I2C
address bit
 Power OK – indicates that selected
channels have reached
their target
levels
and have not faulted. Multiple
channel selection is available in which
case the resulting signal is the AND logic
function of all channels selected
 ResetOut – is delayed Power OK. Delay
is programmable in 1msec increments
with the range of 0 to 255 msecs
 Low Vcc – indicates when Vcc has fallen
below the UVLO fault threshold and
when the UVLO condition clears (Vcc
voltage rises above the UVLO warning
level)
 Interrupt – the controller generated
interrupt selection and clearing is done
through I2C commands
Interrupt, Low Vcc, Power OK and ResetOut
signals can only be forwarded to a single
GPIO/PSIO.
In addition, the following are functions that
are unique to GPIO0 and GPIO1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com