Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA Datasheet(PDF) 10 Page - Exar Corporation

Part # SDA
Description  Quad Channel Digital PWM/PFM Programmable Power Management System
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SDA Datasheet(HTML) 10 Page - Exar Corporation

Back Button SDA Datasheet HTML 6Page - Exar Corporation SDA Datasheet HTML 7Page - Exar Corporation SDA Datasheet HTML 8Page - Exar Corporation SDA Datasheet HTML 9Page - Exar Corporation SDA Datasheet HTML 10Page - Exar Corporation SDA Datasheet HTML 11Page - Exar Corporation SDA Datasheet HTML 12Page - Exar Corporation SDA Datasheet HTML 13Page - Exar Corporation SDA Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
X
XR
RP
P7
77
72
24
4
Q
Qu
ua
ad
d C
Ch
ha
an
nn
ne
ell D
Diig
giitta
all P
PW
WM
M/
/P
PF
FM
M
P
Prro
og
grra
am
mm
ma
ab
blle
e P
Po
ow
we
err M
Ma
an
na
ag
ge
em
me
en
ntt S
Sy
ys
stte
em
m
© 2012 Exar Corporation
10/29
Rev. 1.0.1
TYPICAL PERFORMANCE CHARACTERISTICS
All data taken at VCC = 12V, TJ = TA = 25°C, unless otherwise specified - Schematic and BOM from XRP7724EVB. See
XRP7724EVB-DEMO-1 Manual.
Fig. 5: PFM to PWM Transition
Fig. 6 PWM to PFM Transition
Fig. 7 0-6A Transient 300kHz PWM only
Fig. 8 10-6A Transient 300kHz with OVS ±5.5%
Fig. 9 Sequential Start-up
Fig. 10 Sequential Shut Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com