Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K10101TB Datasheet(PDF) 1 Page - COSMO Electronics Corporation

Part # K10101TB
Description  High Reliability Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

K10101TB Datasheet(HTML) 1 Page - COSMO Electronics Corporation

  K10101TB Datasheet HTML 1Page - COSMO  Electronics Corporation K10101TB Datasheet HTML 2Page - COSMO  Electronics Corporation K10101TB Datasheet HTML 3Page - COSMO  Electronics Corporation K10101TB Datasheet HTML 4Page - COSMO  Electronics Corporation K10101TB Datasheet HTML 5Page - COSMO  Electronics Corporation K10101TB Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT SPECIFICATION
DATE:01/10/2013
NO.60P00046
cosmo
ELECTRONICS CORPORATION
Photocoupler:
K1010 1T
SHEET 1 OF 6
REV.
4
High Reliability Photocoupler
Features
1.Low input current type (IF=1mA).
2.Current transfer ratio (CTR : 50~600% at IF=1mA Vce=5V).
3.High isolation voltage between input and output (Viso:5000Vrms).
4.Compact dual-in-line package.
5.Pb free and RoHS compliant.
6.Agency Approvals
• UL UL1577 / CUL C22.2 No.1 & NTC No.5, File No. E169586
• VDE EN60747, File No.101347
• FIMKO EN60065, File No.FI23149
• FIMKO EN60950, File No.FI24584
• SEMKO EN60065, File No.1016484
• SEMKO EN60950, File No.1016433
• CQC GB4943 / GB8898, File No.CQC10001049555/CQC08001023986
Application:
1.Computer terminals, programmable controllers.
2.Facsimile equipment, Audio, Video.
3.Communications, telephone, etc..


Similar Part No. - K10101TB

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
K10101T COSMO-K10101T Datasheet
945Kb / 11P
Low Input Current TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
K10101TATLD COSMO-K10101TATLD Datasheet
223Kb / 11P
LOW INPUT CURRENT PHOTOCOUPLER
K10101TATRU COSMO-K10101TATRU Datasheet
223Kb / 11P
LOW INPUT CURRENT PHOTOCOUPLER
K10101TETLD COSMO-K10101TETLD Datasheet
223Kb / 11P
LOW INPUT CURRENT PHOTOCOUPLER
K10101TETRU COSMO-K10101TETRU Datasheet
223Kb / 11P
LOW INPUT CURRENT PHOTOCOUPLER
More results

Similar Description - K10101TB

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KTLP160J COSMO-KTLP160J Datasheet
359Kb / 2P
HIGH RELIABILITY PHOTOCOUPLER
KMOC3041 COSMO-KMOC3041 Datasheet
376Kb / 2P
High Reliability photocoupler
logo
List of Unclassifed Man...
P4010 ETC1-P4010 Datasheet
152Kb / 5P
HIGH RELIABILITY PHOTOCOUPLER
logo
COSMO Electronics Corp...
KPS2832 COSMO-KPS2832 Datasheet
234Kb / 2P
High Reliability Photocoupler
KPC815 COSMO-KPC815 Datasheet
371Kb / 2P
High Reliability Photocoupler
KPC825 COSMO-KPC825 Datasheet
372Kb / 2P
High Reliability Photocoupler
KTLP166J COSMO-KTLP166J Datasheet
385Kb / 2P
High Reliability Photocoupler
K3010 COSMO-K3010_12 Datasheet
96Kb / 6P
High Reliability Photocoupler
K10106T COSMO-K10106T Datasheet
164Kb / 6P
High Reliability Photocoupler
K10106W COSMO-K10106W Datasheet
165Kb / 6P
High Reliability Photocoupler
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com