Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K10101TB Datasheet(PDF) 2 Page - COSMO Electronics Corporation

Part # K10101TB
Description  High Reliability Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

K10101TB Datasheet(HTML) 2 Page - COSMO Electronics Corporation

  K10101TB Datasheet HTML 1Page - COSMO  Electronics Corporation K10101TB Datasheet HTML 2Page - COSMO  Electronics Corporation K10101TB Datasheet HTML 3Page - COSMO  Electronics Corporation K10101TB Datasheet HTML 4Page - COSMO  Electronics Corporation K10101TB Datasheet HTML 5Page - COSMO  Electronics Corporation K10101TB Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PRODUCT SPECIFICATION
DATE:01/10/2013
NO.60P00046
cosmo
ELECTRONICS CORPORATION
Photocoupler:
K1010 1T
SHEET 2 OF 6
REV.
4
1.
OUTSIDE DIMENSION : UNIT (mm)
13.00°
0.25
13.00°
1.20
0.50
2.54
7.62
6.50
4.60
cosmo
1010
817
XXX
T
TOLERANCE : ±0.2mm
2. SCHEMATIC : TOP VIEW
1. Anode
2. Cathode
3. Emitter
4. Collector
1
2
4
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com