Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K10101TB Datasheet(PDF) 4 Page - COSMO Electronics Corporation

Part # K10101TB
Description  High Reliability Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

K10101TB Datasheet(HTML) 4 Page - COSMO Electronics Corporation

  K10101TB Datasheet HTML 1Page - COSMO  Electronics Corporation K10101TB Datasheet HTML 2Page - COSMO  Electronics Corporation K10101TB Datasheet HTML 3Page - COSMO  Electronics Corporation K10101TB Datasheet HTML 4Page - COSMO  Electronics Corporation K10101TB Datasheet HTML 5Page - COSMO  Electronics Corporation K10101TB Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PRODUCT SPECIFICATION
DATE:01/10/2013
NO.60P00046
cosmo
ELECTRONICS CORPORATION
Photocoupler:
K1010 1T
SHEET 4 OF 6
REV.
4
Fig.1
Current Transfer Ratio
vs. Forward Current
0 . 5
1
2
1 0
0
5 0
1 0 0
1 5 0
2 0 0
2 5 0
3 0 0
3 5 0
4 0 0
0 . 1
5
2 0
Ta=25℃
VCE=5V
Classification table of current
transfer ratio is shown below.
Rank mark
CTR (%)
K10101TA
100 TO 600
K10101TB
200 TO 500
K10101TC
160 TO 400
K10101TD
120 TO 300
K10101TE
50 TO 600
Forward current IF (mA)
Fig.2
Collector Power Dissipation
vs. Ambient Temperature
Fig.3
Collector Dark Current
vs. Ambient Temperature
25
0
-55
50
0
100
125
75
50
200
150
250
115
-8
10
0
25
10
-11
10
-10
-9
10
Vce=20V
10
-7
10-6
10
-5
75
50
115
-55
Ambient Temperature Ta (℃)
Ambient Temperature Ta (℃)
Fig.4
Forward Current vs.
Ambient Temperature
Fig.5
Forward Current vs.
Forward Voltage
60
10
-55
0
20
025
30
40
50
50
75
115 125
1.6
-25°
1.4
1.0
0.8
1.2
20
2
5
10
50°
Ta=75°
C
50
100
C
2.2
1.8 2.0
C
C
25°
C
0°
1
0.2
0.5
0.1
0.6
Ambient Temperature Ta (℃)
Forward Voltage VF (V)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com