Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7484BST Datasheet(PDF) 4 Page - Analog Devices

Part # AD7484BST
Description  3MSPS, 14-Bit SAR ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7484BST Datasheet(HTML) 4 Page - Analog Devices

  AD7484BST Datasheet HTML 1Page - Analog Devices AD7484BST Datasheet HTML 2Page - Analog Devices AD7484BST Datasheet HTML 3Page - Analog Devices AD7484BST Datasheet HTML 4Page - Analog Devices AD7484BST Datasheet HTML 5Page - Analog Devices AD7484BST Datasheet HTML 6Page - Analog Devices AD7484BST Datasheet HTML 7Page - Analog Devices AD7484BST Datasheet HTML 8Page - Analog Devices AD7484BST Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. PrC
7/13/01
PRELIMINARY TECHNICAL DATA
AD7484
–4–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD7484 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
1
(TA = +25°C unless otherwise noted)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 V to +7 V
VDRIVE to GND . . . . . . . . . . . . . . . . . . . . . . . . -0.3 V to +7 V
Analog Input Voltage to GND . . -0.3 V to AVDD + 0.3 V
Digital Input Voltage to GND . . -0.3 V to DVDD + 0.3 V
REF IN to GND . . . . . . . . . . . . . -0.3 V to AVDD + 0.3 V
Input Current to Any Pin Except Supplies . . . . . . . ±10mA
Operating Temperature Range
Commercial . . . . . . . . . . . . . . . . . . . . . . –40°C to +85°C
Storage Temperature Range . . . . . . . –65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . +150°C
48-Pin LQFP Package, Power Dissipation . . . . . . . . T B D
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . 50°C/W
JC Thermal Impedance . . . . . . . . . . . . . . . . . . .
10°C/W
Lead Temperature, Soldering
Vapor Phase (60 secs) . . . . . . . . . . . . . . . . . . . +215°C
Infared (15 secs) . . . . . . . . . . . . . . . . . . . . . . . +220°C
E S D . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . T B D
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only and functional operation of the device
at these or any other conditions above those listed in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
PIN CONFIGURATION
ORDERING GUIDE
Temperature
Package
Model
Range
Description
Option
AD7484BST
-40°C to +85°C
Low-profile Quad Flat Pack
ST-48
EVAL-AD7484CB
1
Evaluation Board
EVAL-CONTROL BRD2
2
Controller Board
NOTES
1This can be used as a stand-alone evaluation board or in conjunction with the EVAL-CONTROL BOARD for evaluation/demonstration purposes.
2This board is a complete unit allowing a PC to control and communicate with all Analog Devices evaluation boards ending in the CB designators.
AVDD
CBIAS
AGND
AGND
AVDD
AGND
VIN
VREF2
VREF1
VREF3
AGND
AGND
D10
D9
D8
D7
VDRIVE
DGND
DGND
DVDD
D6
D5
D4
D3
PIN 1 IDENTIFIER
AD7484
TOP VIEW
(Not to Scale)
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com