Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7484BST Datasheet(PDF) 8 Page - Analog Devices

Part # AD7484BST
Description  3MSPS, 14-Bit SAR ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7484BST Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7484BST Datasheet HTML 4Page - Analog Devices AD7484BST Datasheet HTML 5Page - Analog Devices AD7484BST Datasheet HTML 6Page - Analog Devices AD7484BST Datasheet HTML 7Page - Analog Devices AD7484BST Datasheet HTML 8Page - Analog Devices AD7484BST Datasheet HTML 9Page - Analog Devices AD7484BST Datasheet HTML 10Page - Analog Devices AD7484BST Datasheet HTML 11Page - Analog Devices AD7484BST Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. PrC
7/13/01
PRELIMINARY TECHNICAL DATA
AD7484
– 8 –
20
25
30
35
40
45
50
55
60
0
500
1000
1500
2000
2500
3000
THROUGHPUT - KSPS
1 µS
300 nS
700 nS
POWER SAVING
The AD7484 uses advanced design techniques to achieve
very low power dissipation at high throughput rates. In addi-
tion to this the AD7484 features two power saving modes,
Nap Mode and Standby Mode. These modes are selected by
bringing either the NAP or STBY pin to a logic high respec-
tively.
When operating the AD7484 in normal, fully powered
mode, the current consumption is 18mA during conver-
sion and the quiescent current is 5mA. Operating at a
throughput rate of 1MSPS, the conversion time of 300nS
contributes 27mW to the overall power dissipation.
Figure 5. Normal Mode Power Dissipation
Figure 6. NAP Mode Power Dissipation
(400nS / 1µS) x (5V x 18mA) = 36mW
While in NAP mode for the rest of the cycle, the AD7484
dissipates only 3mW of power.
(600nS / 1µS) x (5V x 1mA) = 3mW
Figure 5 below shows the AD7484 conversion sequence
operating in normal mode.
In NAP mode, all the internal circuitry except for the
internal reference is powered down. In this mode, the
power dissipation of the AD7484 is reduced to 5mW.
When exiting NAP mode a minimum of 100nS must be
waited before initiating a conversion. This is necessary to
allow the internal circuitry to settle after power-up and for
the track/hold to properly acquire the analog input signal.
If the AD7484 is put into NAP mode after each conversion,
the average power dissipation will be reduced but the
throughput rate will be limited by the power-up time. Using
the AD7484 with a throughput rate of 1MSPS while placing
the part in NAP mode after each conversion would result in
average power dissipation as follows: The power-up and
conversion phase will contribute 36mW to the overall power
dissipation.
(300nS / 1µS) x (5V x 18mA) = 27mW
For the remaining 700nS of the cycle, the AD7484 dissipates
17.5mW of power.
(700nS / 1µS) x (5V x 5mA) = 17.5mW
Thus the power dissipated during each cycle is:
27mW + 17.5mW = 44.5mW
Thus the power dissipated during each cycle is:
36mW + 3mW = 39mW
Figure 6 shows the AD7484 conversion sequence if putting
the part into NAP mode after each conversion.
400nS
1 µS
600nS
100nS
Figures 7 and 8 show a typical graphical representation of
Power vs. Throughput for the AD7484 when in Normal and
Nap modes respectively.
0
5
10
15
20
25
30
35
40
45
50
0
250
500
750
1000
1250
1500
1750
2000
THROUGHPUT - KSPS
Figure 7. Normal Mode - Power vs. Throughput
Figure 8. Nap Mode - Power vs. Throughput
In STANDBY mode, all the internal circuitry is powered
down and the power consumption of the AD7484 is re-
duced to 5µW. The power-up time necessary before a
conversion can be initiated is longer because the internal
reference has been powered down. If using the internal
reference of the AD7484, the ADC must be brought out
of STANDBY mode 200µS before a conversion is initi-
ated. Initiating a conversion before the required power-up
time has elapsed will result in incorrect conversion data.
If an external reference source is used and kept powered
up while the AD7484 is in STANDBY mode, the power-
up time required will be reduced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com