Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7484BST Datasheet(PDF) 9 Page - Analog Devices

Part # AD7484BST
Description  3MSPS, 14-Bit SAR ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7484BST Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7484BST Datasheet HTML 4Page - Analog Devices AD7484BST Datasheet HTML 5Page - Analog Devices AD7484BST Datasheet HTML 6Page - Analog Devices AD7484BST Datasheet HTML 7Page - Analog Devices AD7484BST Datasheet HTML 8Page - Analog Devices AD7484BST Datasheet HTML 9Page - Analog Devices AD7484BST Datasheet HTML 10Page - Analog Devices AD7484BST Datasheet HTML 11Page - Analog Devices AD7484BST Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
REV. PrC
7/13/01
PRELIMINARY TECHNICAL DATA
AD7484
– 9 –
OFFSET / OVERRANGE
The AD7484 provides a ±8% overrange capability as well as
a programmable Offset Register. The overrange capability is
achieved by the use of a 15th bit (D14) and the CLIP input.
If the CLIP input is at logic high and the contents of the
offset register are zero, then the AD7484 operates as a nor-
mal 14-bit ADC. If the input voltage is greater than the
full-scale voltage, the data output from the ADC will be all
1’s. Similarly, if the input voltage is lower than the zero-
scale voltage, the data output from the ADC will be all 0’s.
In this case D14 acts as an overrange indicator. It is set to a
1 if the analog input voltage is outside the nominal 0 to
+2.5V range.
If the Offset Register contains any value other than zero,
the contents of the register are added to the SAR result at
the end of conversion. This has the effect of shifting the
transfer function of the ADC as shown in Figure 9 and Fig-
ure 10. However, it should be noted that with the CLIP
input set to logic high, the maximum and minimum codes
that the AD7484 will ouput will be 0x3FFF and 0x0000
respectively. Further details are given in Table 1 and Table
2.
Figure 9 shows the effect of writing a positive value to the
Offset Register. If, for example, the contents of the Offset
Register contained the value 1024, then the value of the ana-
log input voltage for which the ADC would transition from
reading all 0’s to 000...001 (the bottom reference point)
would be:
0.5LSB - (1024 LSBs) = -156.326mV
The analog input voltage for which the ADC would read
full-scale (0x3FFF) in this example would be:
2.5V -1.5LSBs - (1024 LSBs) = 2.34352V
000...000
0V
ANALOG INPUT
111...111
000...001
000...010
111...110
111...000
011...111
+VREF-1.5LSB
-OFFSET
1LSB = VREF/16384
Figure 9. Transfer Characteristic With Positive Offset
The effect of writing a negative value to the Offset Register is
shown in Figure 10. If a value of -512 was written to the
Offset Register, the bottom end reference point would now
occur at:
0.5LSB - (-512 LSBs)= +78.20mV
Following from this, the analog input voltage needed to
produce a full-scale (0x3FFF) result from the ADC would
now be:
2.5V - 1.5LSBs - (-512 LSBs) = 2.5779V
000...000
0V
ANALOG INPUT
111...111
000...001
000...010
111...110
111...000
011...111
0.5LSB
-OFFSET
+VREF-1.5LSB
-OFFSET
1LSB = VREF/16384
Figure 10. Transfer Characteristic With NegativeOffset
Table 1 below shows the expected ADC result for a given
analog input voltage with different offset values and with
CLIP tied to logic high. The combined advantages of the
offset and overrange features of the AD7484 are shown
clearly in Table 2. It shows the same range of analog in-
put and offset values as Table 1 but with the clipping
feature disabled.
Values from -1310 to +1310 may be written to the Offset
Register. These values correspond to an offset of ±200mV. A
write to the Offset Register is performed by writing a 15-bit
word to the part as detailed in the Interfacing sections. The
12 LSBs of the 15-bit word contain the offset value, the 3
MSBs must be set to zero. Failure to write zeros to the 3
MSBs may result in the incorrect operation of the device.
Table 1. Clipping Enabled (CLIP = 1)
OFFSET
-512
0
+1024
VIN
ADC DATA, D[0:14]
-200m V
-1822
-1310
-286
-156.3m V
-1536
-1024
0
0V
-512
0
1024
+78.2m V
0
512
1536
+2.3435V
14847
15359
16383
+2.5V
15871
16383
17407
+2.5779V
16383
16895
17919
+2.7V
17182
17694
18718
Table 2. Clipping Disabled (CLIP = 0)
OFFSET
-512
0
+1024
VIN
ADC DATA, D[0:13]
D14
-200mV
00
0
1
-156.3mV
00
0
1
0V
0
0
1024
0
+78.2mV
0
512
1536
0
+2.3435V
14847
15359
16383
0
+2.5V
15871
16383
16383
0
+2.5779V
16383
16383
16383
1
+2.7V
16383
16383
16383
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com