Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7482AST Datasheet(PDF) 5 Page - Analog Devices

Part # AD7482AST
Description  3MSPS, 12-Bit SAR ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7482AST Datasheet(HTML) 5 Page - Analog Devices

  AD7482AST Datasheet HTML 1Page - Analog Devices AD7482AST Datasheet HTML 2Page - Analog Devices AD7482AST Datasheet HTML 3Page - Analog Devices AD7482AST Datasheet HTML 4Page - Analog Devices AD7482AST Datasheet HTML 5Page - Analog Devices AD7482AST Datasheet HTML 6Page - Analog Devices AD7482AST Datasheet HTML 7Page - Analog Devices AD7482AST Datasheet HTML 8Page - Analog Devices AD7482AST Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. 0
AD7482
–5–
PIN FUNCTION DESCRIPTIONS
Pin
Number
Mnemonic
Description
1, 5, 13, 46
AVDD
Positive Power Supply for Analog Circuitry
2CBIAS
Decoupling Pin for Internal Bias Voltage. A 1 nF capacitor should be placed between this pin
and AGND.
3, 4, 6, 11, 12,
AGND
Power Supply Ground for Analog Circuitry
14, 15, 47, 48
7VIN
Analog Input. Single-ended analog input channel.
8
REFOUT
Reference Output. REFOUT connects to the output of the internal 2.5 V reference buffer. A 470 nF
capacitor must be placed between this pin and AGND.
9
REFIN
Reference Input. A 470 nF capacitor must be placed between this pin and AGND. When using an
external voltage reference source, the reference voltage should be applied to this pin.
10
REFSEL
Reference Decoupling Pin. When using the internal reference, a 1 nF capacitor must be connected
from this pin to AGND. When using an external reference source, this pin should be connected
directly to AGND.
16
STBY
Standby Logic Input. When this pin is logic high, the device will be placed in Standby Mode.
See Power Saving section for further details.
17
NAP
NAP Logic Input. When this pin is logic high, the device will be placed in a very low power mode.
See Power Saving section for further details.
18
CS
Chip Select Logic Input. This pin is used in conjunction with
RD to access the conversion result.
The databus is brought out of three-state and the current contents of the output register driven
onto the data lines following the falling edge of both
CS and RD. CS is also used in conjunction
with WRITE to perform a write to the offset register.
CS can be hardwired permanently low.
19
RD
Read Logic Input. Used in conjunction with
CS to access the conversion result.
20
WRITE
Write Logic Input. Used in conjunction with
CS to write data to the offset register. When the
desired offset word has been placed on the databus, the WRITE line should be pulsed high. It is
the falling edge of this pulse that latches the word into the offset register.
21
BUSY
Busy Logic Output. This pin indicates the status of the conversion process. The
BUSY signal goes
low after the falling edge of
CONVST and stays low for the duration of the conversion. In Parallel
Mode 1, the
BUSY signal returns high when the conversion result has been latched into the output
register. In Parallel Mode 2, the
BUSY signal returns high as soon as the conversion has been
completed, but the conversion result does not get latched into the output register until the falling
edge of the next
CONVST pulse.
22, 23
R1, R2
These pins should be pulled to ground via 100 k
Ω resistors.
24–28, 33–39
D0–D11
Data I/O Bits (D11 is MSB). These are three-state pins that are controlled by
CS, RD, and
WRITE. The operating voltage level for these pins is determined by the VDRIVE input.
29
DVDD
Positive Power Supply for Digital Circuitry
30, 31
DGND
Ground Reference for Digital Circuitry
32
VDRIVE
Logic Power Supply Input. The voltage supplied at this pin will determine at what voltage the
interface logic of the device will operate.
40
D12
Data Output Bit for Overranging. If the overrange feature is not used, this pin should be pulled to
DGND via a 100 k
Ω resistor.
41
CONVST
Convert Start Logic Input. A conversion is initiated on the falling edge of the
CONVST signal.
The input track-and-hold amplifier goes from track mode to hold mode and the conversion process
commences.
42
RESET
Reset Logic Input. A falling edge on this pin resets the internal state machine and terminates a
conversion that may be in progress. The contents of the offset register will also be cleared on this
edge. Holding this pin low keeps the part in a reset state.
43
MODE2
Operating Mode Logic Input. See Table III for details.
44
MODE1
Operating Mode Logic Input. See Table III for details.
45
CLIP
Logic Input. A logic high on this pin enables output clipping. In this mode, any input voltage that
is greater than positive full scale or less than negative full scale will be clipped to all “1s” or all “0s,”
respectively. Further details are given in the Offset/Overrange section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com