Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7482AST Datasheet(PDF) 13 Page - Analog Devices

Part # AD7482AST
Description  3MSPS, 12-Bit SAR ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7482AST Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7482AST Datasheet HTML 8Page - Analog Devices AD7482AST Datasheet HTML 9Page - Analog Devices AD7482AST Datasheet HTML 10Page - Analog Devices AD7482AST Datasheet HTML 11Page - Analog Devices AD7482AST Datasheet HTML 12Page - Analog Devices AD7482AST Datasheet HTML 13Page - Analog Devices AD7482AST Datasheet HTML 14Page - Analog Devices AD7482AST Datasheet HTML 15Page - Analog Devices AD7482AST Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. 0
AD7482
–13–
Typical Connection
Figure 13 shows a typical connection diagram for the AD7482
operating in Parallel Mode 1. Conversion is initiated by a falling
edge on
CONVST. Once CONVST goes low, the BUSY signal
goes low, and at the end of conversion, the rising edge of
BUSY
is used to activate an interrupt service routine. The
CS and RD
lines are then activated to read the 12 data bits (13 bits if using
the overrange feature).
In Figure 13, the VDRIVE Pin is tied to DVDD, which results in logic
output levels being either 0 V or DVDD. The voltage applied
to VDRIVE controls the voltage value of the output logic signals.
For example, if DVDD is supplied by a 5 V supply and VDRIVE by
a 3 V supply, the logic output levels would be either 0 V or 3 V.
This feature allows the AD7482 to interface to 3 V devices, while
still enabling the ADC to process signals at a 5 V supply.
C/ P
RESET
PARALLEL
INTERFACE
MODE1
MODE2
WRITE
CLIP
NAP
STBY
D0–D12
CS
CONVST
RD
BUSY
CBIAS
REFSEL
REFIN
REFOUT
VIN
AD7482
ADM809
VDRIVE DVDD AVDD
0.1 F
DIGITAL
SUPPLY
4.75V–5.25V
10 F
1nF
+
0.1 F
0.1 F
+
47 F
ANALOG
SUPPLY
4.75V–5.25V
0V TO 2.5V
1nF
0.47 F
0.47 F
AD780 2.5V
REFERENCE
Figure 13. Typical Connection Diagram
Board Layout and Grounding
To obtain optimum performance from the AD7482, it is recom-
mended that a printed circuit board with a minimum of three
layers be used. One of these layers, preferably the middle layer,
should be as complete a ground plane as possible to give the
best shielding. The board should be designed in such a way that
the analog and digital circuitry is separated and confined to
certain areas of the board. This practice, along with avoiding
running digital and analog lines close together, should help to
avoid coupling digital noise onto analog lines.
The power supply lines to the AD7482 should be approxi-
mately 3 mm wide to provide low impedance paths and
reduce the effects of glitches on the power supply lines. It is
vital that good decoupling also be present. A combination of
ferrites and decoupling capacitors should be used as shown in
Figure 13. The decoupling capacitors should be as close to the
supply pins as possible. This is made easier by the use of multi-
layer boards. The signal traces from the AD7482 pins can be
run on the top layer, while the decoupling capacitors and
ferrites can be mounted on the bottom layer where the power
traces exist. The ground plane between the top and bottom
planes provide excellent shielding.
Figures 14a to 14e show a sample layout of the board area
immediately surrounding the AD7482. Pin 1 is the bottom left
corner of the device. Figure 14a shows the top layer where the
AD7482 is mounted with vias to the bottom routing layer high-
lighted. Figure 14b shows the bottom layer where the power
routing is with the same vias highlighted. Figure 14c shows the
bottom layer silkscreen where the decoupling components are
soldered directly beneath the device. Figure 14d shows the
silkscreen overlaid on the solder pads for the decoupling compo-
nents, and Figure 14e shows the top and bottom routing layers
overlaid. The black area in each figure indicates the ground
plane present on the middle layer.
Figure 14e
Figure 14a
Figure 14c
Figure 14b
Figure 14d
C1–6: 100 nF, C7–8: 470 nF, C9: 1 nF
L1–4: Meggit-Sigma Chip Ferrite Beads (BMB2A0600RS2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com