Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7482AST Datasheet(PDF) 3 Page - Analog Devices

Part # AD7482AST
Description  3MSPS, 12-Bit SAR ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7482AST Datasheet(HTML) 3 Page - Analog Devices

  AD7482AST Datasheet HTML 1Page - Analog Devices AD7482AST Datasheet HTML 2Page - Analog Devices AD7482AST Datasheet HTML 3Page - Analog Devices AD7482AST Datasheet HTML 4Page - Analog Devices AD7482AST Datasheet HTML 5Page - Analog Devices AD7482AST Datasheet HTML 6Page - Analog Devices AD7482AST Datasheet HTML 7Page - Analog Devices AD7482AST Datasheet HTML 8Page - Analog Devices AD7482AST Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. 0
AD7482
–3–
Parameter
Specification
Unit
Test Conditions/Comments
POWER REQUIREMENTS
VDD
5V
±5%
VDRIVE
2.7
V min
5.25
V max
IDD
Normal Mode (Static)
12
mA max
CS and RD = Logic 1
Normal Mode (Operational)
18
mA max
NAP Mode
0.5
mA max
Standby Mode
2
µA max
0.5
µA typ
Power Dissipation
Normal Mode (Operational)
90
mW max
NAP Mode
2.5
mW max
Standby Mode
6
10
µW max
NOTES
1Temperature range is as follows: –40
°C to +85°C.
2SNR and SINAD figures quoted include external analog input circuit noise contribution of approximately 1 dB.
3See Typical Performance Characteristics section for analog input circuits used.
4See Terminology section.
5Sample tested @ 25
°C to ensure compliance.
6Digital input levels at GND or V
DRIVE.
Specifications subject to change without notice.
(VDD = 5 V
± 5%, AGND = DGND = 0 V, VREF = External, fSAMPLE = 3 MSPS; all specifications TMIN
to TMAX and valid for VDRIVE = 2.7 V to 5.25 V, unless otherwise noted.)
SPECIFICATIONS (continued)
Parameter
Symbol
Min
Typ
Max
Unit
DATA READ
Conversion Time
tCONV
300
ns
Quiet Time before Conversion Start
tQUIET
100
ns
CONVST Pulsewidth
t1
5ns
CONVST Falling Edge to BUSY Falling Edge
t2
20
ns
CS Falling Edge to RD Falling Edge
t3
0ns
Data Access Time
t4
25
ns
CONVST Falling Edge to New Data Valid
t5
30
ns
BUSY Rising Edge to New Data Valid
t6
5ns
Bus Relinquish Time
t7
10
ns
RD Rising Edge to CS Rising Edge
t8
0ns
CS Pulsewidth
t14
30
ns
RD Pulsewidth
t15
30
ns
DATA WRITE
WRITE Pulsewidth
t9
5ns
Data Setup Time
t10
2ns
Data Hold Time
t11
6ns
CS Falling Edge to WRITE Falling Edge
t12
5ns
WRITE Falling Edge to
CS Rising Edge
t13
0ns
*All timing specifications given above are with a 25 pF load capacitance. With a load capacitance greater than this value, a digital buffer or latch must be used.
Specifications subject to change without notice.
TIMING CHARACTERISTICS*
(VDD = 5 V
± 5%, AGND = DGND = 0 V, VREF = External; all specifications TMIN to TMAX and valid for
VDRIVE = 2.7 V to 5.25 V, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com