Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7476SRT-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7476SRT-R2
Description  1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7476SRT-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7476SRT-R2 Datasheet HTML 3Page - Analog Devices AD7476SRT-R2 Datasheet HTML 4Page - Analog Devices AD7476SRT-R2 Datasheet HTML 5Page - Analog Devices AD7476SRT-R2 Datasheet HTML 6Page - Analog Devices AD7476SRT-R2 Datasheet HTML 7Page - Analog Devices AD7476SRT-R2 Datasheet HTML 8Page - Analog Devices AD7476SRT-R2 Datasheet HTML 9Page - Analog Devices AD7476SRT-R2 Datasheet HTML 10Page - Analog Devices AD7476SRT-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REV. D
AD7476/AD7477/AD7478
–7–
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
6
5
4
1
2
3
VDD
GND
VIN
CS
SDATA
SCLK
AD7476/
AD7477/
AD7478
PIN FUNCTION DESCRIPTIONS
Pin
No.
Mnemonic
Function
1VDD
Power Supply Input. The VDD range for the AD7476/AD7477/AD7478 is from 2.35 V to 5.25 V.
2GND
Analog Ground. Ground reference point for all circuitry on the AD7476/AD7477/AD7478. All analog
input signals should be referred to this GND voltage.
3VIN
Analog Input. Single-ended analog input channel. The input range is 0 V to VDD.
4
SCLK
Serial Clock. Logic input. SCLK provides the serial clock for accessing data from the part. This clock
input is also used as the clock source for the AD7476/AD7477/AD7478’s conversion process.
5
SDATA
Data Out. Logic output. The conversion result from the AD7476/AD7477/AD7478 is provided on
this output as a serial data stream. The bits are clocked out on the falling edge of the SCLK input. The
data stream from the AD7476 consists of four leading zeros followed by the 12 bits of conversion data,
which is provided MSB first; the data stream from the AD7477 consists of four leading zeros followed
by the 10 bits of conversion data, followed by two trailing zeros, which is also provided MSB first; the
data stream from the AD7478 consists of four leading zeros followed by the eight bits of conversion
data, followed by four trailing zeros, which is provided MSB first.
6
CS
Chip Select. Active low logic input. This input provides the dual function of initiating conversions on
the AD7476/AD7477/AD7478 and framing the serial data transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com