Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7476SRT-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7476SRT-R2
Description  1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7476SRT-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7476SRT-R2 Datasheet HTML 4Page - Analog Devices AD7476SRT-R2 Datasheet HTML 5Page - Analog Devices AD7476SRT-R2 Datasheet HTML 6Page - Analog Devices AD7476SRT-R2 Datasheet HTML 7Page - Analog Devices AD7476SRT-R2 Datasheet HTML 8Page - Analog Devices AD7476SRT-R2 Datasheet HTML 9Page - Analog Devices AD7476SRT-R2 Datasheet HTML 10Page - Analog Devices AD7476SRT-R2 Datasheet HTML 11Page - Analog Devices AD7476SRT-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
REV. D
–8–
AD7476/AD7477/AD7478
TERMINOLOGY
Integral Nonlinearity
This is the maximum deviation from a straight line passing through
the endpoints of the ADC transfer function. For the AD7476/
AD7477, the endpoints of the transfer function are zero scale, a
point 1/2 LSB below the first code transition, and full scale, a
point 1/2 LSB above the last code transition. For the AD7478, the
endpoints of the transfer function are zero scale, a point 1 LSB
below the first code transition, and full scale, a point 1 LSB above
the last code transition.
Differential Nonlinearity
This is the difference between the measured and the ideal 1 LSB
change between any two adjacent codes in the ADC.
Offset Error
This is the deviation of the first code transition (00 . . . 000)
to (00 . . . 001) from the ideal (i.e., AGND + 0.5 LSB). For
the AD7478, this is the deviation of the first code transition
(00 . . . 000) to (00 . . . 001) from the ideal (i.e., AGND + 1 LSB).
Gain Error
For the AD7476/AD7477, this is the deviation of the last code
transition (111 . . . 110) to (111 . . . 111) from the ideal (i.e.,
VREF – 1.5 LSB) after the offset error has been adjusted out. For
the AD7478, this is the deviation of the last code transition
(111 . . . 110) to (111 . . . 111) from the ideal (i.e., VREF – 1 LSB)
after the offset error has been adjusted.
Track-and-Hold Acquisition Time
The track-and-hold amplifier returns into track mode after the
end of conversion. Track-and-hold acquisition time is the time
required for the output of the track-and-hold amplifier to reach
its final value, within
±0.5 LSB, after the end of conversion. See
the Serial Interface Timing section for more detail.
Signal-to-(Noise + Distortion) Ratio
This is the measured ratio of signal-to-(noise + distortion) at the
output of the ADC. The signal is the rms amplitude of the
fundamental. Noise is the sum of all nonfundamental signals up
to half the sampling frequency (fS/2), excluding dc.
The ratio is dependent on the number of quantization levels in
the digitization process; the more levels, the smaller the quanti-
zation noise. The theoretical signal-to-(noise + distortion) ratio
for an ideal N-bit converter with a sine wave input is given by
Signal-to-(Noise + Distortion) = (6.02N + 1.76) dB
Thus for a 12-bit converter, this is 74 dB; for a 10-bit converter
it is 62 dB; and for an 8-bit converter it is 50 dB.
Total Unadjusted Error
This is a comprehensive specification that includes gain error,
linearity error, and offset error.
Total Harmonic Distortion (THD)
Total harmonic distortion is the ratio of the rms sum of harmon-
ics to the fundamental. For the AD7476/AD7477/AD7478, it is
defined as:
THD
VVVVV
V
2
2
3
2
4
2
5
2
6
2
1
()
log
()
dB
=
++++
20
where V1 is the rms amplitude of the fundamental and V2, V3,
V4, V5, and V6 are the rms amplitudes of the second through the
sixth harmonics.
Peak Harmonic or Spurious Noise
Peak harmonic or spurious noise is defined as the ratio of the
rms value of the next largest component in the ADC output
spectrum (up to fS/2 and excluding dc) to the rms value of the
fundamental. Normally, the value of this specification is deter-
mined by the largest harmonic in the spectrum, but for ADCs
where the harmonics are buried in the noise floor, it will be a
noise peak.
Intermodulation Distortion
With inputs consisting of sine waves at two frequencies, fa and
fb, any active device with nonlinearities will create distortion
products at sum and difference frequencies of mfa
± nfb where
m, n = 0, 1, 2, 3, and so on. Intermodulation distortion terms
are those for which neither m nor n is equal to zero. For example,
the second-order terms include (fa + fb) and (fa – fb), while the
third-order terms include (2fa + fb), (2fa – fb), (fa + 2fb), and
(fa – 2fb).
The AD7476/AD7477/AD7478 are tested using the CCIF
standard where two input frequencies are used, fa = 498.7 kHz and
fb = 508.7 kHz. In this case, the second-order terms are usually
distanced in frequency from the original sine waves while the
third-order terms are usually at a frequency close to the input
frequencies. As a result, the second- and third-order terms are
specified separately. The calculation of the intermodulation
distortion is as per the THD specification where it is the ratio of
the rms sum of the individual distortion products to the rms
amplitude of the sum of the fundamentals, expressed in dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com