Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7476SRT-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7476SRT-R2
Description  1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7476SRT-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7476SRT-R2 Datasheet HTML 12Page - Analog Devices AD7476SRT-R2 Datasheet HTML 13Page - Analog Devices AD7476SRT-R2 Datasheet HTML 14Page - Analog Devices AD7476SRT-R2 Datasheet HTML 15Page - Analog Devices AD7476SRT-R2 Datasheet HTML 16Page - Analog Devices AD7476SRT-R2 Datasheet HTML 17Page - Analog Devices AD7476SRT-R2 Datasheet HTML 18Page - Analog Devices AD7476SRT-R2 Datasheet HTML 19Page - Analog Devices AD7476SRT-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
REV. D
AD7476/AD7477/AD7478
–17–
AD7476/AD7477/AD7478 to DSP56xxx Interface
The connection diagram in Figure 20 shows how the AD7476/
AD7477/AD7478 can be connected to the SSI (Synchronous
Serial Interface) of the DSP56xxx family of DSPs from Motorola.
The SSI is operated in Synchronous Mode (SYN bit in
CRB =1) with internally generated word frame sync for both
Tx and Rx (Bits FSL1 = 0 and FSL0 = 0 in CRB). Set the word
length to 16 by setting bits WL1 = 1 and WL0 = 0 in CRA. To
implement the Power-Down mode on the AD7476/AD7477/
AD7478, the word length can be changed to eight bits by setting
bits WL1 = 0 and WL0 = 0 in CRA. It should be noted that
for signal processing applications, it is imperative that the
frame synchronization signal from the DSP56xxx provides
equidistant sampling.
SDATA
CS
SRD
SC2
AD7476/
AD7477/
AD7478*
SCLK
DSP56xxx*
SCK
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 20. Interfacing to the DSP56xxx
AD7476/AD7477/AD7478 to MC68HC16 Interface
The Serial Peripheral Interface (SPI) on the MC68HC16 is
configured for Master Mode (MSTR = 1), the Clock Polarity
Bit (CPOL) = 1, and the Clock Phase Bit (CPHA) = 0. The SPI
is configured by writing to the SPI Control Register (SPCR)—see
the 68HC16 User Manual. The serial transfer will take place as
a 16-bit operation when the SIZE bit in the SPCR register is set
to SIZE = 1. To implement the Power-Down mode with an
8-bit transfer, set SIZE = 0. A connection diagram is shown
in Figure 21.
SDATA
CS
MISO/PMC0
SS/PMC3
AD7476/
AD7477/
AD7478*
SCLK
MC68HC16*
SCLK/PMC2
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 21. Interfacing to the MC68HC16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com