Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7664 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7664
Description  16-Bit, 570 kSPS CMOS ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7664 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7664 Datasheet HTML 9Page - Analog Devices AD7664 Datasheet HTML 10Page - Analog Devices AD7664 Datasheet HTML 11Page - Analog Devices AD7664 Datasheet HTML 12Page - Analog Devices AD7664 Datasheet HTML 13Page - Analog Devices AD7664 Datasheet HTML 14Page - Analog Devices AD7664 Datasheet HTML 15Page - Analog Devices AD7664 Datasheet HTML 16Page - Analog Devices AD7664 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
REV. 0
AD7664
–13–
of power supply sequencing and thus free from supply voltage
induced latchup. Additionally, it is very insensitive to power supply
variations over a wide frequency range as shown in Figure 9.
–50
1
INPUT FREQUENCY – kHz
1000
–60
–70
–80
100
–55
–65
–75
10
Figure 9. PSRR vs. Frequency
POWER DISSIPATION VS. THROUGHPUT
Operating currents are very low during the acquisition phase,
which allows a significant power saving when the conversion
rate is reduced as shown in Figure 10. This power saving depends
on the mode used. In impulse mode, the AD7664 automatically
reduces its power consumption at the end of each conversion
phase. This feature makes the AD7664 ideal for very low power
battery applications. It should be noted that the digital inter-
face remains active even during the acquisition phase. To reduce
the operating digital supply currents even further, the digital
inputs need to be driven close to the power supply rails (i.e.,
DVDD or DGND for all inputs except EXT/
INT, INVSYNC,
INVSCLK, RDC/SDIN, and OVDD or OGND for these last
four inputs).
100k
0.1
SAMPLING RATE – SPS
100k
1k
10
1
100
10k
1M
10k
1k
100
10
1
0.1
WARP/NORMAL
IMPULSE
Figure 10. Power Dissipation vs. Sample Rate
CONVERSION CONTROL
Figure 11 shows the detailed timing diagrams of the conversion
process. The AD7664 is controlled by the signal
CNVST which
initiates conversion. Once initiated, it cannot be restarted or
aborted, even by the power-down input PD, until the conver-
sion is complete. The
CNVST signal operates independently of
CS and RD signals.
CNVST
BUSY
MODE
t2
t1
t3
t4
t5
t6
t7
t8
ACQUIRE
CONVERT
ACQUIRE
CONVERT
Figure 11. Basic Conversion Timing
In impulse mode, conversions can be automatically initiated. If
CNVST is held low when BUSY is low, the AD7664 controls the
acquisition phase and then automatically initiates a new conver-
sion. By keeping
CNVST low, the AD7664 keeps the conversion
process running by itself. It should be noted that the analog
input has to be settled when BUSY goes low. Also, at power-up,
CNVST should be brought low once to initiate the conversion
process. In this mode, the AD7664 could sometimes run slightly
faster then the guaranteed limits in the impulse mode of 444 kSPS.
This feature does not exist in warp or normal modes.
t9
t8
RESET
DATA
BUSY
CNVST
Figure 12. RESET Timing
Although
CNVST is a digital signal, it should be designed with
special care with fast, clean edges, and levels with minimum
overshoot and undershoot or ringing.
For applications where the SNR is critical,
CNVST signal
should have a very low jitter. Some solutions to achieve that is
to use a dedicated oscillator for
CNVST generation or, at least,
to clock it with a high-frequency low-jitter clock as shown in
Figure 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com