Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7664 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7664
Description  16-Bit, 570 kSPS CMOS ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7664 Datasheet(HTML) 3 Page - Analog Devices

  AD7664 Datasheet HTML 1Page - Analog Devices AD7664 Datasheet HTML 2Page - Analog Devices AD7664 Datasheet HTML 3Page - Analog Devices AD7664 Datasheet HTML 4Page - Analog Devices AD7664 Datasheet HTML 5Page - Analog Devices AD7664 Datasheet HTML 6Page - Analog Devices AD7664 Datasheet HTML 7Page - Analog Devices AD7664 Datasheet HTML 8Page - Analog Devices AD7664 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
REV. 0
–3–
AD7664
Parameter
Conditions
Min
Typ
Max
Unit
POWER SUPPLIES (Continued)
Power Dissipation
7
570 kSPS Throughput
4
97
115
mW
100 SPS Througput
6
21
µW
In Power-Down Mode
7
7
µW
TEMPERATURE RANGE
8
Specified Performance
TMIN to TMAX
–40
+85
°C
NOTES
1LSB means Least Significant Bit. With the 0 V to 2.5 V input range, one LSB is 38.15
µV.
2See Definition of Specifications section. These specifications do not include the error contribution from the external reference.
3All specifications in dB are referred to a full-scale input FS. Tested with an input signal at 0.5 dB below full-scale unless otherwise specified.
4In normal mode.
5Tested in parallel reading mode.
6In impulse mode.
7With all digital inputs forced to OVDD or OGND respectively.
8Contact factory for extended temperature range.
Specifications subject to change without notice.
TIMING SPECIFICATIONS
Symbol
Min
Typ
Max
Unit
Refer to Figures 11 and 12
Convert Pulsewidth
t1
5ns
Time Between Conversions
t2
1.75/2/2.25
Note 1
µs
(Wrap Mode/Normal Mode/Impulse Mode)
CNVST LOW to BUSY HIGH Delay
t3
25
ns
BUSY HIGH All Modes Except in
t4
1.5/1.75/2
µs
Master Serial Read After Convert Mode
(Warp Mode/Normal Mode/Impulse Mode)
Aperture Delay
t5
2ns
End of Conversion to BUSY LOW Delay
t6
10
ns
Conversion Time
t7
1.5/1.75/2
µs
(Warp Mode/Normal Mode/Impulse Mode)
Acquisition Time
t8
250
ns
RESET Pulsewidth
t9
10
ns
Refer to Figures 13, 14, and 15 (Parallel Interface Modes)
CNVST LOW to DATA Valid Delay
t10
1.5/1.75/2
µs
(Warp Mode/Normal Mode/Impulse Mode)
DATA Valid to BUSY LOW Delay
t11
45
ns
Bus Access Request to DATA Valid
t12
40
ns
Bus Relinquish Time
t13
550
ns
Refer to Figures 16 and 17 (Master Serial Interface Modes)
2
CS LOW to SYNC Valid Delay
t14
10
ns
CS LOW to Internal SCLK Valid Delay2
t15
10
ns
CS LOW to SDOUT Delay
t16
10
ns
CNVST LOW to SYNC Delay
t17
25/275/525
ns
(Warp Mode/Normal Mode/Impulse Mode)
SYNC Asserted to SCLK First Edge Delay
t18
4ns
Internal SCLK Period
t19
40
75
ns
Internal SCLK HIGH (INVSCLK Low)
3
t20
30
ns
Internal SCLK LOW (INVSCLK Low)
3
t21
9.5
ns
SDOUT Valid Setup Time
t22
4.5
ns
SDOUT Valid Hold Time
t23
3ns
SCLK Last Edge to SYNC Delay
t24
3
CS HIGH to SYNC HI-Z
t25
10
ns
CS HIGH to Internal SCLK HI-Z
t26
10
ns
CS HIGH to SDOUT HI-Z
t27
10
ns
BUSY HIGH in Master Serial Read After Convert
t28
2.75/3/3.25
µs
(Warp Mode/Normal Mode/Impulse Mode)
CNVST LOW to SYNC Asserted Delay
t29
1/1.25/1.5
µs
(Warp Mode/Normal Mode/Impulse Mode)
SYNC Deasserted to BUSY LOW Delay
t30
50
ns
(–40 C to +85 C, AVDD = DVDD = 5 V, OVDD = 2.7 V to 5.25 V, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com