Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7664 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7664
Description  16-Bit, 570 kSPS CMOS ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7664 Datasheet(HTML) 4 Page - Analog Devices

  AD7664 Datasheet HTML 1Page - Analog Devices AD7664 Datasheet HTML 2Page - Analog Devices AD7664 Datasheet HTML 3Page - Analog Devices AD7664 Datasheet HTML 4Page - Analog Devices AD7664 Datasheet HTML 5Page - Analog Devices AD7664 Datasheet HTML 6Page - Analog Devices AD7664 Datasheet HTML 7Page - Analog Devices AD7664 Datasheet HTML 8Page - Analog Devices AD7664 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
REV. 0
AD7664
–4–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD7664 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
1
Analog Inputs
IN
2, REF . . . . . . . . . . . . AVDD + 0.3 V to AGND – 0.3 V
INGND, REFGND . . . . . . . . . . . . . . . . . . AGND
± 0.3 V
Ground Voltage Differences
AGND, DGND, OGND . . . . . . . . . . . . . . . . . . . . .
±0.3 V
Supply Voltages
AVDD, DVDD, OVDD . . . . . . . . . . . . . . . . . . . . . . . . 7 V
AVDD to DVDD, AVDD to OVDD . . . . . . . . . . . . . .
±7 V
DVDD to OVDD . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±7 V
Digital Inputs
Except the Data Bus D(7:4) . . . –0.3 V to DVDD + 0.3 V
Data Bus Inputs D(7:4) . . . . . . –0.3 V to OVDD + 0.3 V
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD7664AST
–40
°C to +85°C
Quad Flatpack (LQFP)
ST-48
AD7664ASTRL
–40
°C to +85°C
Quad Flatpack (LQFP)
ST-48
EVAL-AD7664CB1
Evaluation Board
EVAL-CONTROL BOARD
2
Controller Board
NOTES
1This board can be used as a standalone evaluation board or in conjunction with the EVAL-CONTROL BOARD for evaluation/demonstration purposes.
2This board allows a PC to control and communicate with all Analog Devices evaluation boards ending in the CB designators.
Internal Power Dissipation
3
. . . . . . . . . . . . . . . . . . . 700 mW
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range
(Soldering 10 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . 300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2See Analog Input section.
3Specification is for device in free air:
48-Lead LQFP:
θ
JA = 91
°C/W, θ
JC = 30
°C/W.
TIMING SPECIFICATIONS (Continued)
Symbol
Min
Typ
Max
Unit
Refer to Figures 18 and 20 (Slave Serial Interface Modes)
2
External SCLK Setup Time
t31
5ns
External SCLK Active Edge to SDOUT Delay
t32
316
ns
SDIN Setup Time
t33
5ns
SDIN Hold Time
t34
5ns
External SCLK Period
t35
25
ns
External SCLK HIGH
t36
10
ns
External SCLK LOW
t37
10
ns
NOTES
1In warp mode only, the maximum time between conversions is 1 ms, otherwise, there is no required maximum time.
2In serial interface modes, the SYNC, SCLK, and SDOUT timings are defined with a maximum load C
L of 10 pF; otherwise, the load is 60 pF maximum.
3If the polarity of SCLK is inverted, the timing references of SCLK are also inverted.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com