Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7665 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7665
Description  16-Bit, 570 kSPS CMOS ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7665 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7665 Datasheet HTML 9Page - Analog Devices AD7665 Datasheet HTML 10Page - Analog Devices AD7665 Datasheet HTML 11Page - Analog Devices AD7665 Datasheet HTML 12Page - Analog Devices AD7665 Datasheet HTML 13Page - Analog Devices AD7665 Datasheet HTML 14Page - Analog Devices AD7665 Datasheet HTML 15Page - Analog Devices AD7665 Datasheet HTML 16Page - Analog Devices AD7665 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
REV. 0
AD7665
–13–
Table III. Output Codes and Ideal Input Voltages
Digital Output Code
(Hexa)
Straight Two’s
Description
Analog Input
Binary
Complement
Full-Scale Range
±10 V
±5 V
±2.5 V
0 V to 10 V
0 V to 5 V
0 V to 2.5 V
Least Significant Bit 305.2
µV
152.6
µV
76.3
µV
152.6
µV
76.3
µV
38.15
µV
FSR – 1 LSB
9.999695 V
4.999847 V
2.499924 V
9.999847 V
4.999924 V 2.499962 V
FFFF
1
7FFF
1
Midscale + 1 LSB
305.2
µV
152.6
µV
76.3
µV
5.000153 V
2.570076 V 1.257038 V
8001
0001
Midscale
0 V
0 V
0 V
5 V
2.5 V
1.25 V
8000
0000
Midscale – 1 LSB
–305.2
µV
–152.6
µV
–76.3
µV
4.999847 V
2.499924 V 1.249962 V
7FFF
FFFF
–FSR + 1 LSB
–9.999695 V –4.999847 V –2.499924 V 152.6
µV
76.3
µV
38.15
µV
0001
8001
–FSR
–10 V
–5 V
–2.5 V
0 V
0 V
0 V
0000
2
8000
2
NOTES
1This is also the code for an overrange analog input.
2This is also the code for an underrange analog input.
100nF
10 F
100nF
10 F
AVDD
10 F
100nF
AGND
DGND
DVDD
OVDD
OGND
SER/
PAR
CNVST
BUSY
SDOUT
SCLK
RD
CS
RESET
PD
REFGND
CREF
2.5V REF
REF
100
D
CLOCK
AD7665
C/ P/DSP
SERIAL
PORT
DIGITAL SUPPLY
(3.3V OR 5V)
ANALOG
SUPPLY
(5V)
DVDD
OB/
2C
NOTE 8
BYTESWAP
DVDD
50k
100nF
1M
INA
100nF
U2
IND
INGND
ANALOG
INPUT
( 10V)
CC
2.7nF
U1
15
10 F
NOTE 2
NOTE 1
NOTE 3
NOTE 7
NOTE 4
50
INC
INB
NOTE
6
NOTES :
1. SEE VOLTAGE REFERENCE INPUT CHAPTER.
2. WITH THE RECOMMENDED VOLTAGE REFERENCES, CREF IS 47 F. SEE SECTION VOLTAGE REFERENCE INPUT SECTION.
3. OPTIONAL CIRCUITRY FOR HARDWARE GAIN CALIBRATION.
4. FOR BIPOLAR RANGE ONLY. SEE SCALER REFERENCE INPUT SECTION.
5. THE AD8021 IS RECOMMENDED. SEE DRIVER AMPLIFIER CHOICE SECTION.
6. WITH 0 TO 2.5V RANGE ONLY. SEE ANALOG INPUTS SECTION.
7. OPTION. SEE POWER SUPPLY SECTION.
8. OPTIONAL LOW JITTER
CNVST. SEE CONVERSION CONTROL SECTION.
+
+
+
++
+
+
AD8031
AD8021
50
ADR421
NOTE 5
WARP
IMPULSE
Figure 5. Typical Connection Diagram (
±10 V Range Shown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com