Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7665 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7665
Description  16-Bit, 570 kSPS CMOS ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7665 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7665 Datasheet HTML 16Page - Analog Devices AD7665 Datasheet HTML 17Page - Analog Devices AD7665 Datasheet HTML 18Page - Analog Devices AD7665 Datasheet HTML 19Page - Analog Devices AD7665 Datasheet HTML 20Page - Analog Devices AD7665 Datasheet HTML 21Page - Analog Devices AD7665 Datasheet HTML 22Page - Analog Devices AD7665 Datasheet HTML 23Page - Analog Devices AD7665 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
REV. 0
AD7665
–21–
be seeing a discontinuous clock, an initial word reading has to
be done after the ADSP-21065L has been reset to ensure that
the serial port is properly synchronized to this clock during each
following data read operation.
RFS
ADSP-21065L*
SHARC
CNVST
AD7665*
CS
SYNC
RD
DR
RCLK
FLAG OR TFS
SDOUT
SCLK
INVSYNC
INVSCLK
EXT/
INT
RDC/SDIN
SER/
PAR
DVDD
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 23. Interfacing to the ADSP-21065L Using the
Serial Master Mode
APPLICATION HINTS
Layout
The AD7665 has very good immunity to noise on the power
supplies as can be seen in Figure 9. However, care should still
be taken with regard to grounding layout.
The printed circuit board that houses the AD7665 should be
designed so the analog and digital sections are separated and
confined to certain areas of the board. This facilitates the use of
ground planes that can be easily separated. Digital and analog
ground planes should be joined in only one place, preferably
underneath the AD7665, or, at least, as close as possible to the
AD7665. If the AD7665 is in a system where multiple devices
require analog-to-digital ground connections, the connection
should still be made at one point only, a star ground point,
which should be established as close as possible to the AD7665.
It is recommended to avoid running digital lines under the de-
vice as these will couple noise onto the die. The analog ground
plane should be allowed to run under the AD7665 to avoid
noise coupling. Fast switching signals like
CNVST or clocks
should be shielded with digital ground to avoid radiating noise
to other sections of the board, and should never run near analog
signal paths. Crossover of digital and analog signals should be
avoided. Traces on different but close layers of the board should
run at right angles to each other. This will reduce the effect of
feedthrough through the board.
The power supply lines to the AD7665 should use as large a trace
as possible to provide low impedance paths and reduce the
effect of glitches on the power supply lines. Good decoupling is
also important to lower the supplies impedance presented to the
AD7665 and reduce the magnitude of the supply spikes. Decoupling
ceramic capacitors, typically 100 nF, should be placed on each
power supplies pins AVDD, DVDD and OVDD close to, and
ideally right up against these pins and their corresponding
ground pins. Additionally, low ESR 10
µF capacitors should be
located in the vicinity of the ADC to further reduce low fre-
quency ripple.
The DVDD supply of the AD7665 can be either a separate
supply or come from the analog supply, AVDD, or from the
digital interface supply, OVDD. When the system digital supply
is noisy, or fast switching digital signals are present, it is recom-
mended if no separate supply available, to connect the DVDD
digital supply to the analog supply AVDD through an RC filter
as shown in Figure 5, and connect the system supply to the
interface digital supply OVDD and the remaining digital cir-
cuitry. When DVDD is powered from the system supply, it is
useful to insert a bead to further reduce high-frequency spikes.
The AD7665 has five different ground pins; INGND, REFGND,
AGND, DGND, and OGND. INGND is used to sense the
analog input signal. REFGND senses the reference voltage and
should be a low impedance return to the reference because it
carries pulsed currents. AGND is the ground to which most
internal ADC analog signals are referenced. This ground must
be connected with the least resistance to the analog ground
plane. DGND must be tied to the analog or digital ground plane
depending on the configuration. OGND is connected to the
digital system ground.
The layout of the decoupling of the reference voltage is impor-
tant. The decoupling capacitor should be close to the ADC and
connected with short and large traces to minimize parasitic
inductances.
Evaluating the AD7665 Performance
A recommended layout for the AD7665 is outlined in the evalu-
ation board for the AD7665. The evaluation board package
includes a fully assembled and tested evaluation board, docu-
mentation, and software for controlling the board from a PC
via the Eval-Control Board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com