Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD767 Datasheet(PDF) 8 Page - Analog Devices

Part # AD767
Description  Microprocessor-Compatible 12-Bit D/A Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD767 Datasheet(HTML) 8 Page - Analog Devices

  AD767 Datasheet HTML 1Page - Analog Devices AD767 Datasheet HTML 2Page - Analog Devices AD767 Datasheet HTML 3Page - Analog Devices AD767 Datasheet HTML 4Page - Analog Devices AD767 Datasheet HTML 5Page - Analog Devices AD767 Datasheet HTML 6Page - Analog Devices AD767 Datasheet HTML 7Page - Analog Devices AD767 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AD767
REV. A
–8–
Figure 9. TMS32020 – AD767 Interface
ADSP-2100 – AD767 INTERFACE
The ADSP-2100 single chip DSP processor may be interfaced
to the AD767 as shown in Figure 10. With a clock frequency of
32 MHz, and instruction execution in a single 125 ns cycle, the
processor will support the AD767 interface with a single wait
state.
Figure 10. ADSP-2100 – AD767 Interface
At the beginning of the data memory access cycle the processor
provides a 14-bit address on the DMA bus. The DMS signal is
then asserted enabling a LOW address decode. Valid data is
now placed on the data bus and DMWR is issued. DMWR is
OR’ed with the LOW address decode to generate the AD767
CS
.
The LOW decoded address is also gated with the Q output of a
D flip-flop to hold DMACK (Data Memory Acknowledge)
LOW. This forces the processor into a wait state and extends
the AD767 CS by 1 clock cycle. The rising edge of CLKOUT
latches Q HIGH bringing DMACK HIGH. The cycle is now
complete.
TMS320C25 – AD767 INTERFACE
Figure 11 illustrates the AD767 interface to a TMS320C25
digital signal processor. Due to the high-speed capability of the
processor (40 MHz), a single wait state is required and is easily
generated using MSC. A 20 MHz TMS320C25 however, does
not require wait states and should be interfaced using the circuit
shown in Figure 9.
Figure 11. TMS320C25 – AD767 Interface
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
24-Pin Ceramic (Suffix D)
24-Pin Plastic (Suffix N)
28-Pin PLCC (Suffix P)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com