Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD767 Datasheet(PDF) 2 Page - Analog Devices

Part # AD767
Description  Microprocessor-Compatible 12-Bit D/A Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD767 Datasheet(HTML) 2 Page - Analog Devices

  AD767 Datasheet HTML 1Page - Analog Devices AD767 Datasheet HTML 2Page - Analog Devices AD767 Datasheet HTML 3Page - Analog Devices AD767 Datasheet HTML 4Page - Analog Devices AD767 Datasheet HTML 5Page - Analog Devices AD767 Datasheet HTML 6Page - Analog Devices AD767 Datasheet HTML 7Page - Analog Devices AD767 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REV. A
–2–
AD767–SPECIFICATIONS (T
A = +25 C,
15 volt power supplies, Unipolar Mode, unless otherwise noted.)
Model
AD767J/A/S
1
AD767K/B
AD767A
2 Chips
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
DIGITAL INPUTS
Resolution
12
12
12
Bits
Logic Levels (TTL Compatible, TMIN–TMAX)
3
VIH (Logic “1”)
+2.0
+5.5
+2.0
+5.5
+2.0
+5.5
V
VIL (Logic “0”) J, K, A, B
0
+0.8
0
+0.8
0
+0.8
V
VIL (Logic “0”) S
0
+0.7
V
IIH (VIH = 5.5 V)
3
10
3
10
3
10
µA
IIL (VIL = 0.8 V)
1
5
1
5
1
5
µA
TRANSFER CHARACTERISTICS
ACCURACY
Linearity Error @ +25
°C
±1/2
1
±1/8
1/2
±1/2
1
LSB
TA = TMIN to TMAX
±1/2
1
±1/4
1/2
±1/2
1
LSB
Differential Linearity Error @ +25
°C
±1/2
1
±1/4
1
±1/2
1
LSB
TA = TMIN to TMAX
Monotonicity Guaranteed Monotonicity Guaranteed Monotonicity Guaranteed
LSB
Gain Error
4
±0.1
0.2
±0.1
0.2
±0.1
0.2
% of FSR
5
Unipolar Offset Error
4
±1
2
±1
2
±1
2
LSB
Bipolar Zero Error
4
±0.05
0.1
±0.05
0.1
±0.05
0.1
% of FSR
DRIFT
Gain TA = 25°C to TMIN or TMAX
±5
±30
±5
±15
±5
±30
ppm of FSR/
°C
Unipolar Offset TA = 25°C to TMIN or TMAX
±1
±3
±1
±3
±1
±3
ppm of FSR/
°C
Bipolar Zero TA = 25°C to TMIN or TMAX
±5
±10
±10
±5
±10
ppm of FSR/
°C
CONVERSION SPEED
Settling Time to
±0.01% of FSR for
FSR change (2 k
Ω||500 pF load)
with 10 k
Ω Feedback
3
4
3
4
3
4
µs
with 5 k
Ω Feedback
2
3
2
3
2
3
µs
For LSB Change
1
1
1
µs
Slew Rate
10
10
10
V/
µs
ANALOG OUTPUT
Ranges
6
±2.5, ±5, ±10,
±2.5, ±5, ±10,
±2.5, ±5, ±10,
V
+5, +10
+5, +10
+5, +10
Output Current
±5
±5
±5mA
Output Impedance (dc)
0.05
0.05
0.05
Ω
Short-Circuit Current
40
40
40
mA
REFERENCE OUTPUT
9.90
10.00
10.10
9.90
10.00
10.10
9.90
10.00
10.10
V
External Current
0.1
1.0
0.1
1.0
0.1
1.0
mA
POWER SUPPLY SENSITIVITY
VCC = +11.4 to +16.5 V dc
5
10
5
10
5
10
ppm of FS/%
VEE = –11.4 to –16.5 V dc
5
10
5
10
5
10
ppm of FS/%
POWER SUPPLY REQUIREMENTS
Rated Voltages
±12, ±15
±12, ±15
±12, ±15
V
Range
6
11.4
16.5
11.4
16.5
11.4
16.5
V
Supply Current
+11.4 to +16.5 V dc
9
13
9
13
9
13
mA
–11.4 to –16.5 V dc
18
23
18
23
18
23
mA
Total Power Consumption
400
600
400
600
400
600
mW
TEMPERATURE RANGE
J/K
0
+70
0
+70
°C
A/B
–25
+85
–25
+85
–25
+85
°C
S
–55
+125
–55
+125
°C
Operating
–55
+125
–55
+125
°C
Storage (All Grades)
–65
+125
–65
+125
–65
+125
°C
NOTES
1AD767 “S” specifications shown for information only. Consult Analog Devices Military Databook or contact factory for a controlled specification sheet.
2AD767A Chips specifications are tested at +25
°C and, when in boldface, at +85°C. They are typical at –25°C.
3The digital input specifications are 100% tested at +25
°C, and guaranteed but not tested over the full temperature range.
4Adjustable to zero.
5FSR means “Full-Scale Range” and is 20 V for
±10 V range and 10 V for the ±5 V range.
6A minimum power supply of
±12.5 V is required for a ±10 V full-scale output and ±11.4 V is required for all other voltage ranges.
Specifications subject to change without notice.
Specifications shown in boldface are tested on all production units at final electrical test (except per Notes 1 and 2). Results from those tests are used to calculate
outgoing quality levels. All min and max specifications are guaranteed, although only those shown in boldface are tested on all production units.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com