Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD767 Datasheet(PDF) 1 Page - Analog Devices

Part # AD767
Description  Microprocessor-Compatible 12-Bit D/A Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD767 Datasheet(HTML) 1 Page - Analog Devices

  AD767 Datasheet HTML 1Page - Analog Devices AD767 Datasheet HTML 2Page - Analog Devices AD767 Datasheet HTML 3Page - Analog Devices AD767 Datasheet HTML 4Page - Analog Devices AD767 Datasheet HTML 5Page - Analog Devices AD767 Datasheet HTML 6Page - Analog Devices AD767 Datasheet HTML 7Page - Analog Devices AD767 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FUNCTIONAL BLOCK DIAGRAM
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Microprocessor-Compatible
12-Bit D/A Converter
AD767*
PRODUCT DESCRIPTION
The AD767 is a complete voltage output 12-bit digital-to-
analog converter including a high stability buried Zener
reference and input latch on a single chip. The converter uses
12 precision high-speed bipolar current steering switches and a
laser-trimmed thin-film resistor network to provide high accuracy.
Microprocessor compatibility is achieved by the on-chip latch.
The design of the input latch allows direct interface to 12-bit
buses. The latch responds to strobe pulses as short as 40 ns,
allowing use with the fastest available microprocessors.
The functional completeness and high performance of the
AD767 result from a combination of advanced switch design,
high-speed bipolar manufacturing process, and the proven laser
wafer-trimming (LWT) technology.
The subsurface (buried) Zener diode on the chip provides a
low-noise voltage reference which has long-term stability and
temperature drift characteristics comparable to the best discrete
reference diodes. The laser trimming process which provides the
excellent linearity is also used to trim the absolute value of the
reference as well as its temperature coefficient. The AD767 is
thus well suited for wide temperature range performance with
±1/2 LSB maximum linearity error and guaranteed monotonicity
over the full temperature range. Typical full-scale gain T.C. is
5 ppm/
°C.
*Protected by Patent Numbers 3,803,590; 3,890,611; 3,932,863; 3,978,473;
4,020,486; and others pending.
FEATURES
Complete 12-Bit D/A Function
On-Chip Output Amplifier
High Stability Buried Zener Reference
Fast 40 ns Write Pulse
0.3" Skinny DIP and PLCC Packages
Single Chip Construction
Monotonicity Guaranteed Over Temperature
Settling Time: 3
s max to 1/2 LSB
Guaranteed for Operation with
12 V or
15 V Supplies
TTL/5 V CMOS Compatible Logic Inputs
MIL-STD-883 Compliant Versions Available
PRODUCT HIGHLIGHTS
1. The AD767 is a complete voltage output DAC with voltage
reference and digital latches on a single IC chip.
2. The input latch responds to write pulse widths as short as
40 ns assuring direct interface with the industry’s fastest
microprocessors.
3. The internal buried Zener reference is laser-trimmed to
10.00 volts with a
±1% maximum error. The reference
voltage is also available for external application.
4. The gain setting and bipolar offset resistors are matched to
the internal ladder network to guarantee a low gain temperature
coefficient and are laser trimmed for minimum full-scale and
bipolar offset errors.
5. The precision high-speed current steering switches and
on-board high-speed output amplifier settle within 1/2 LSB
for a 10 V full-scale transition in 3.0
µs when properly
compensated.
6. The AD767 is available in versions compliant with
MIL-STD-883. Refer to the Analog Devices Military
Products Databook or current AD767/883B data sheet for
detailed specifications.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703


Similar Part No. - AD767

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD767 AD-AD767 Datasheet
627Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767 AD-AD767 Datasheet
627Kb / 8P
Microprocessor - Compatible 12-Bit D/A Comverter
REV. A
AD7671 AD-AD7671 Datasheet
336Kb / 23P
16-Bit 1 MSPS SAR Unipolar ADC with Ref
AD7671 AD-AD7671 Datasheet
818Kb / 32P
16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7671 AD-AD7671 Datasheet
820Kb / 32P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
More results

Similar Description - AD767

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD667 AD-AD667 Datasheet
327Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
logo
Intersil Corporation
ICL7109 INTERSIL-ICL7109 Datasheet
962Kb / 25P
12-Bit, Microprocessor- Compatible A/D Converter
November 2000
logo
Analog Devices
AD667SE-883B AD-AD667SE-883B Datasheet
759Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767KNZ AD-AD767KNZ Datasheet
627Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD567SD AD-AD567SD Datasheet
7Mb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
AD767JNZ AD-AD767JNZ Datasheet
627Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767JPZ AD-AD767JPZ Datasheet
627Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667JNZ AD-AD667JNZ Datasheet
759Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SD AD-AD667SD Datasheet
759Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667 AD-AD667_15 Datasheet
759Kb / 8P
Microprocessor Compatible 12 bit D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com