Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7650 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7650
Description  16-Bit 1 MSPS SAR Unipolar ADC with Ref
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7650 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7650 Datasheet HTML 9Page - Analog Devices AD7650 Datasheet HTML 10Page - Analog Devices AD7650 Datasheet HTML 11Page - Analog Devices AD7650 Datasheet HTML 12Page - Analog Devices AD7650 Datasheet HTML 13Page - Analog Devices AD7650 Datasheet HTML 14Page - Analog Devices AD7650 Datasheet HTML 15Page - Analog Devices AD7650 Datasheet HTML 16Page - Analog Devices AD7650 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
REV. PrA
PRELIMINARY TECHNICAL DATA
AD7667
–13–
Table I. Output Codes and Ideal Input Voltages
Digital Output Code
Hexa
Analog
Straight
Two’s
Description
Input
Binary
Comple-
ment
FSR –1 LSB
2.499962 V
FFFF
1
7FFF
1
FSR – 2 LSB
2.499923 V
FFFE
7FFE
Midscale + 1 LSB
1.250038 V
8001
0001
Midscale
1.25 V
8000
0000
Midscale – 1 LSB
1.249962 V
7FFF
FFFF
–FSR + 1 LSB
38 µV
0001
8001
–FSR
0 V
0000
2
8000
2
NOTES
1This is also the code for overrange analog input (V
IN – VINGND above
VREF – VREFGND).
2This is also the code for underrange analog input (V
IN below VINGND).
TYPICAL CONNECTION DIAGRAM
Figure 5 shows a typical connection diagram for the AD7667.
Analog Input
Figure 6 shows an equivalent circuit of the input structure of
the AD7667.
C2
R1
D1
D2
C1
IN
OR INGND
AGND
AVDD
Figure 6. Equivalent Analog Input Circuit
The two diodes D1 and D2 provide ESD protection for
the analog inputs IN and INGND. Care must be taken to
ensure that the analog input signal never exceeds the supply
rails by more than 0.3 V. This will cause these diodes to
become forward-biased and start conducting current.
These diodes can handle a forward-biased current of 100
mA maximum. For instance, these conditions could eventu-
ally occur when the input buffer’s (U1) supplies are
100nF
10 F
100nF
10 F
AVDD
10 F
100nF
AGND
DGND
DVDD
OVDD
OGND
WARP
IMPULSE
SER/ PAR
CNVST
BUSY
SDOUT
SCLK
RD
CS
RESET
PD
IN
INGND
REFGND
REF
100
D3
CLOCK
AD7667
ANALOG INPUT
(0V TO 2.5V)
C/ P/DSP
SERIAL
PORT
DIGITAL SUPPLY
(3.3V OR 5V)
ANALOG
SUPPLY
(5V)
NOTES:
1 THE CONFIGURATION SHOWN IS USING THE INTERNAL REFERENCE AND INTERNAL BUFFER
2 THE AD8021 IS RECOMMENDED. SEE DRIVER AMPLIFIER CHOICE SECTION.
3 OPTIONAL LOW JITTER CNVST.
DVDD
CC
OB/ 2C
2.7nF
U12
15
PDBUF
PDREF
REFBUFIN1
47 F
100 nF
BYTESWAP
Figure 5. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com