Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7650 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7650
Description  16-Bit 1 MSPS SAR Unipolar ADC with Ref
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7650 Datasheet(HTML) 4 Page - Analog Devices

  AD7650 Datasheet HTML 1Page - Analog Devices AD7650 Datasheet HTML 2Page - Analog Devices AD7650 Datasheet HTML 3Page - Analog Devices AD7650 Datasheet HTML 4Page - Analog Devices AD7650 Datasheet HTML 5Page - Analog Devices AD7650 Datasheet HTML 6Page - Analog Devices AD7650 Datasheet HTML 7Page - Analog Devices AD7650 Datasheet HTML 8Page - Analog Devices AD7650 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
REV. PrA
PRELIMINARY TECHNICAL DATA
–4–
AD7667
Table I. Serial clock timings in Master Read after Convert
DIVSCLK[1]
0011
unit
DIVSCLK[0]
0101
SYNC to SCLK First Edge Delay Minimum
t18
3
171717ns
Internal SCLK Period minimum
t19
25
50
100
200
ns
Internal SCLK Period typical
t19
40
70
140
280
ns
Internal SCLK HIGH Minimum
t20
12
22
50
100
ns
Internal SCLK LOW Minimum
t21
7
214999ns
SDOUT Valid Setup Time Minimum
t22
4
181818ns
SDOUT Valid Hold Time Minimum
t23
2
4
3089ns
SCLK Last Edge to SYNC Delay Minimum
t24
3
60
140
300
ns
Busy High Width Maximum (Warp)
t24
1.5
2
3
5.25
µs
Busy High Width Maximum (Normal)
t24
1.75
2.25
3.25
5.55
µs
Busy High Width Maximum (Impulse)
t24
2
2.5
3.5
5.75
µs
REFER TO FIGURES 18 AND 20 (Slave Serial Interface Modes)
2
External SCLK Setup Time
t31
5ns
External SCLK Active Edge to SDOUT Delay
t32
318
ns
SDIN Setup Time
t33
5ns
SDIN Hold Time
t34
5ns
External SCLK Period
t35
25
ns
External SCLK HIGH
t36
10
ns
External SCLK LOW
t37
10
ns
NOTES
1In warp mode only, the maximum time between conversions is 1 ms; otherwise, there is no required maximum time.
2In serial interface modes, the SYNC, SCLK, and SDOUT timings are defined with a maximum load C
L of 10 pF; otherwise, the load is 60 pF maximum.
3In serial master read during convert mode. See Table I for serial master read after convert mode.
Specifications subject to change without notice.
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com