Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7650 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7650
Description  16-Bit 1 MSPS SAR Unipolar ADC with Ref
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7650 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7650 Datasheet HTML 14Page - Analog Devices AD7650 Datasheet HTML 15Page - Analog Devices AD7650 Datasheet HTML 16Page - Analog Devices AD7650 Datasheet HTML 17Page - Analog Devices AD7650 Datasheet HTML 18Page - Analog Devices AD7650 Datasheet HTML 19Page - Analog Devices AD7650 Datasheet HTML 20Page - Analog Devices AD7650 Datasheet HTML 21Page - Analog Devices AD7650 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
REV. PrA
PRELIMINARY TECHNICAL DATA
–18–
AD7667
t1
t3
t4
t11
CNVST
BUSY
DATA
BUS
CS = RD = 0
t10
PREVIOUS CONVERSION DATA
NEW DATA
Figure 13. Master Parallel Data Timing for Reading
(Continuous Read)
PARALLEL INTERFACE
The AD7667 is configured to use the parallel interface when
the SER/
PAR is held low. The data can be read either after
each conversion, which is during the next acquisition phase,
or during the following conversion as shown, respectively, in
Figure 14 and Figure 15. When the data is read during the
conversion, however, it is recommended that it is read only
during the first half of the conversion phase. That avoids
any potential feedthrough between voltage transients on the
digital interface and the most critical analog conversion cir-
cuitry.
CURRENT
CONVERSION
BUSY
DATA
BUS
CS
RD
t12
t13
Figure 14. Slave Parallel Data Timing for Reading
(Read After Convert)
The BYTESWAP pin allows a glueless interface to a 8 bits
bus. As shown in Figure TBD, the LSB byte is output on
D[7:0] and the MSB is output on D[15:8] when
BYTESWAP is low. When BYTESWAP is high, the LSB and
MSB bytes are swapped and the LSB is output on D[15:8]
and the MSB is output on D[7:0]. By connecting
BYTESWAP to an address line, the 16 bits data can be read
in 2 bytes on either D[15:8] or D[7:0].
SCLK
SDOUT
D15
D14
D1
D0
D13
X15
X14
X13
X1
X0
Y15
Y14
CS
BUSY
SDIN
EXT/INT = 1
INVSCLK = 0
t35
t36
t37
t31
t32
t16
t33
t34
X15
X14
X
1
2
3
1415
1617
18
RD
= 0
Figure 18. Slave Serial Data Timing for Reading (Read After Convert)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com