Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7707 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7707
Description  3 V/5 V, -10 V Input Range, 1 mW 3-Channel 16-Bit, Sigma-Delta ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7707 Datasheet(HTML) 3 Page - Analog Devices

  AD7707 Datasheet HTML 1Page - Analog Devices AD7707 Datasheet HTML 2Page - Analog Devices AD7707 Datasheet HTML 3Page - Analog Devices AD7707 Datasheet HTML 4Page - Analog Devices AD7707 Datasheet HTML 5Page - Analog Devices AD7707 Datasheet HTML 6Page - Analog Devices AD7707 Datasheet HTML 7Page - Analog Devices AD7707 Datasheet HTML 8Page - Analog Devices AD7707 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
REV. A
–3–
AD7707
Parameter
B Version
1
Units
Conditions/Comments
HIGH LEVEL ANALOG INPUT CHANNEL (AIN3)
AIN3 is with respect to HICOM.
AIN3 Voltage Range
+10
V max
–10
V min
Normal Mode 50 Hz Rejection
78
dB typ
For Filter Notches of 10 Hz, 25 Hz, 50 Hz,
± 0.02 × f
NOTCH
Normal Mode 60 Hz Rejection
78
dB typ
For Filter Notches of 10 Hz, 20 Hz, 60 Hz,
± 0.02 × f
NOTCH
AIN3 Input Sampling Rate, fS
GAIN
× f
CLKIN/64
For Gains of 1 to 4
fCLKIN/8
For Gains of 8 to 128
AIN3 Input Impedance
2
27
k
Ω min
Typically 30 k
Ω ±10%; Typical Resistor Tempco is –30 ppm/°C
AIN3 Sampling Capacitance
2
10
pF max
VBIAS Input Range
0 V/AVDD
V min/max
Typically = REFIN(+) = 2.5 V
LOGIC INPUTS
Input Current
All Inputs Except MCLK IN
±1
µA max
Typically
±20 nA
MCLK
±10
µA max
Typically
±2 µA
All Inputs Except SCLK and MCLK IN
VINL, Input Low Voltage
0.8
V max
DVDD = 5 V
0.4
V max
DVDD = 3 V
VINH, Input High Voltage
2.0
V min
DVDD = 3 V and 5 V
SCLK Only (Schmitt Triggered Input)
DVDD = 5 V Nominal
VT+
1.4/3
V min/V max
VT–
0.8/1.4
V min/V max
VT+ – VT–
0.4/0.8
V min/V max
SCLK Only (Schmitt Triggered Input)
DVDD = 3 V Nominal
VT+
1/2.5
V min/V max
VT–
0.4/1.1
V min/V max
VT+ – VT–
0.375/0.8
V min/V max
MCLK IN Only
DVDD = 5 V Nominal
VINL, Input Low Voltage
0.8
V max
VINH, Input High Voltage
3.5
V min
MCLK IN Only
DVDD = 3 V Nominal
VINL, Input Low Voltage
0.4
V max
VINH, Input High Voltage
2.5
V min
LOGIC OUTPUTS (Including MCLK OUT)
VOL, Output Low Voltage
0.4
V max
ISINK = 800 µA Except for MCLK OUT.
13 DV
DD = 5 V
0.4
V max
ISINK = 100 µA Except for MCLK OUT.
13 DV
DD = 3 V
VOH, Output High Voltage
4
V min
ISOURCE = 200 µA Except for MCLK OUT.
13 DV
DD = 5 V
DVDD – 0.6
V min
ISOURCE = 100 µA Except for MCLK OUT.
13 DV
DD = 3 V
Floating State Leakage Current
±10
µA max
Floating State Output Capacitance
14
9
pF typ
Data Output Coding
Binary
Unipolar Mode
Offset Binary
Bipolar Mode
SYSTEM CALIBRATION
Low Level Input Channels (AIN1 and AIN2)
Positive Full-Scale Calibration Limit
15
(1.05
× V
REF)/GAIN
V max
GAIN Is The Selected PGA Gain (1 to 128)
Negative Full-Scale Calibration Limit
15
– (1.05
× V
REF)/GAIN V max
GAIN Is The Selected PGA Gain (1 to 128)
Offset Calibration Limit
16
– (1.05
× V
REF)/GAIN V max
GAIN Is The Selected PGA Gain (1 to 128)
Input Span
16
(0.8
× V
REF)/GAIN
V min
GAIN Is The Selected PGA Gain (1 to 128)
(2.1
× V
REF)/GAIN
V max
GAIN Is The Selected PGA Gain (1 to 128)
High Level Input Channels (AIN3)
Positive Full-Scale Calibration Limit
15
(8.4
× V
REF)/GAIN
V max
GAIN Is The Selected PGA Gain (1 to 128)
Negative Full-Scale Calibration Limit
15
– (8.4
× V
REF)/GAIN
V max
GAIN Is The Selected PGA Gain (1 to 128)
Offset Calibration Limit
16
– (8.4
× V
REF)/GAIN
V max
GAIN Is The Selected PGA Gain (1 to 128)
Input Span
16
(6.4
× V
REF)/GAIN
V min
GAIN Is The Selected PGA Gain (1 to 128)
(16.8
× V
REF)/GAIN
V max
GAIN Is The Selected PGA Gain (1 to 128)
POWER REQUIREMENTS
Power Supply Voltages
AVDD Voltage
+2.7 to +3.3 or
+4.75 to +5.25
V
For Specified Performance
DVDD Voltage
+2.7 to +5.25
V
For Specified Performance
Power Supply Currents
AVDD Current
AVDD = 3 V or 5 V. Gain = 1 to 4
0.27
mA max
Typically 0.22 mA. BUF = 0. fCLK IN = 1 MHz
or 2.4576 MHz
0.6
mA max
Typically 0.45 mA. BUF = 1. fCLK IN = 1 MHz
or 2.4576 MHz
AVDD = 3 V or 5 V. Gain = 8 to 128
0.5
mA max
Typically 0.38 mA. BUF = 0. fCLK IN = 2.4576 MHz
1.1
mA max
Typically 0.81 mA. BUF = 1. fCLK IN = 2.4576 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com