Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7707 Datasheet(PDF) 39 Page - Analog Devices

Part # AD7707
Description  3 V/5 V, -10 V Input Range, 1 mW 3-Channel 16-Bit, Sigma-Delta ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7707 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD7707 Datasheet HTML 32Page - Analog Devices AD7707 Datasheet HTML 33Page - Analog Devices AD7707 Datasheet HTML 34Page - Analog Devices AD7707 Datasheet HTML 35Page - Analog Devices AD7707 Datasheet HTML 36Page - Analog Devices AD7707 Datasheet HTML 37Page - Analog Devices AD7707 Datasheet HTML 38Page - Analog Devices AD7707 Datasheet HTML 39Page - Analog Devices AD7707 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
REV. A
AD7707
–39–
Table XXIV. AIN3, Output RMS Noise/Peak-to-Peak Resolution vs. Gain and Output Update Rate @ +3 V
Unbuffered Mode
Filter First
Typical Output RMS Noise in V (Peak-to-Peak Resolution)
Notch and O/P –3 dB
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Data Rate
Frequency
1
2
4
8
16
32
64
128
MCLK IN = 2.4576 MHz
10 Hz
2.62 Hz
12.4 (16)
7.02 (16)
3.87 (16)
2.41 (16)
2.39 (16)
2.3 (15.5)
2.29 (14.5)
2.13 (13.5)
50 Hz
13.1 Hz
30.35 (16)
16.4 (16)
9.4 (16)
5.85 (16)
5.2 (15)
4.5 (14.5)
4.5 (13.5)
5.09 (12)
60 Hz
15.72 Hz
34.55 (16)
19.13 (16) 10.9 (16)
6 (16)
5.8 (15)
5.62 (14)
5.2 (13)
6.14 (12)
250 Hz
65.5 Hz
498 (13)
204 (13)
105 (13)
57.5 (13)
27.5 (13)
17.4 (12.5) 12.7 (12)
11.42 (11)
500 Hz
131 Hz
2266 (10.5) 1151 (10.5) 554 (10.5) 280 (10.5) 136 (10.5) 83 (10)
39 (10)
27.5 (9.5)
Table XXV. AIN3, Output RMS Noise/Peak-to-Peak Resolution vs. Gain and Output Update Rate @ +3 V
Buffered Mode
Filter First
Typical Output RMS Noise in V (Peak-to-Peak Resolution)
Notch and O/P –3 dB
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Data Rate
Frequency
1
2
4
8
16
32
64
128
MCLK IN = 2.4576 MHz
10 Hz
2.62 Hz
14.84 (16)
8.39 (16)
5.56 (16)
3.45 (16)
3.3 (16)
3.2 (15)
3.2 (14)
3.3 (13)
50 Hz
13.1 Hz
36.1 (16)
18.8 (16)
11.5 (16)
7.5 (15.5)
7.4 (14.5)
7.43 (13.5) 6.8 (12.5)
7 (12)
60 Hz
15.72 Hz
38.8 (16)
21.55 (16) 13.39 (16) 8.5 (15.5)
8.36 (14.5) 8 (13.5)
8.2 (12.5)
7.7 (12)
250 Hz
65.5 Hz
420 (13)
194 (13)
97.6 (13)
54.5 (12.5) 30 (12.5)
22 (12)
18 (11.5)
16.7 (10.5)
500 Hz
131 Hz
2234 (10.5) 1231 (10.5) 534 (10.5) 275 (10.5) 145 (10.5) 71 (10.5)
48 (10)
31 (9.5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com