Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7707 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7707
Description  3 V/5 V, -10 V Input Range, 1 mW 3-Channel 16-Bit, Sigma-Delta ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7707 Datasheet(HTML) 4 Page - Analog Devices

  AD7707 Datasheet HTML 1Page - Analog Devices AD7707 Datasheet HTML 2Page - Analog Devices AD7707 Datasheet HTML 3Page - Analog Devices AD7707 Datasheet HTML 4Page - Analog Devices AD7707 Datasheet HTML 5Page - Analog Devices AD7707 Datasheet HTML 6Page - Analog Devices AD7707 Datasheet HTML 7Page - Analog Devices AD7707 Datasheet HTML 8Page - Analog Devices AD7707 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
REV. A
–4–
AD7707–SPECIFICATIONS
Parameter
B Version
1
Units
Conditions/Comments
POWER REQUIREMENTS (Continued)
DVDD Current
17
Digital I/Ps = 0 V or DVDD. External MCLK IN
0.080
mA max
Typically 0.06 mA. DVDD = 3 V. fCLK IN = 1 MHz
0.15
mA max
Typically 0.13 mA. DVDD = 5 V. fCLK IN = 1 MHz
0.18
mA max
Typically 0.15 mA. DVDD = 3 V. fCLK IN = 2.4576 MHz
0.35
mA max
Typically 0.3 mA. DVDD = 5 V. fCLK IN = 2.4576 MHz
Power Supply Rejection 19
See Note 20
dB typ
Normal Mode Power Dissipation
17
AVDD = DVDD = +3 V. Digital I/Ps = 0 V or DVDD.
External MCLK IN Excluding Dissipation in the AIN3
Attenuator
1.05
mW max
Typically 0.84 mW. BUF = 0. fCLK IN = 1 MHz, All Gains.
2.04
mW max
Typically 1.53 mW. BUF = 1. fCLK IN = 1 MHz, All Gains.
1.35
mW max
Typically 1.11 mW. BUF = 0. fCLK IN = 2.4576 MHz,
Gain = 1 to 4.
2.34
mW max
Typically 1.9 mW. BUF = 1. fCLK IN = 2.4576 MHz,
Gain = 1 to 4.
Normal Mode Power Dissipation
17
AVDD = DVDD = +5 V. Digital I/Ps = 0 V or DVDD.
External MCLKIN
2.1
mW max
Typically 1.75 mW. BUF = 0. fCLK IN = 1 MHz, All Gains.
3.75
mW max
Typically 2.9 mW. BUF = 1. fCLK IN = 1 MHz, All Gains.
3.1
mW max
Typically 2.6 mW. BUF = 0. fCLK IN = 2.4576 MHz.
4.75
mW max
Typically 3.75 mW. BUF = 1. fCLK IN = 2.4576 MHz.
Standby (Power-Down) Current
18
18
µA max
External MCLK IN = 0 V or DVDD. Typically 9 µA.
AVDD = +5 V
8
µA max
External MCLK IN = 0 V or DVDD. Typically 4 µA.
AVDD = +3 V
NOTES
1 Temperature range as follows: B Version, –40
°C to +85°C.
2 These numbers are established from characterization or design at initial product release.
3 A calibration is effectively a conversion so these errors will be of the order of the conversion noise shown in Tables I and III for the low level input channels AIN1
and AIN2. This applies after calibration at the temperature of interest.
4 Recalibration at any temperature will remove these drift errors.
5 Positive full-scale error includes zero-scale errors (unipolar offset error or bipolar zero error) and applies to both unipolar and bipolar input ranges.
6 Full-scale drift includes zero-scale drift (unipolar offset drift or bipolar zero drift) and applies to both unipolar and bipolar input ranges.
7 Gain error does not include zero-scale errors. It is calculated as full-scale error–unipolar offset error for unipolar ranges and full-scale error–bipolar zero error for
bipolar ranges.
8 Gain error drift does not include unipolar offset drift/bipolar zero drift. It is effectively the drift of the part if zero scale calibrations only were performed.
9 Error is removed following a system calibration.
10 This common-mode voltage range is allowed provided that the input voltage on analog inputs does not go more positive than AV
DD + 30 mV or go more negative
than AGND – 100 mV. Parts are functional with voltages down to AGND – 200 mV, but with increased leakage at high temperature.
11 The analog input voltage range on AIN(+) is given here with respect to the voltage on LCOM on the low level input channels (AIN1 and AIN2) and is given with
respect to the HCOM input on the high level input channel AIN3. The absolute voltage on the low level analog inputs should not go more positive than AVDD +
100 mV, or go more negative than GND – 100 mV for specified performance. Input voltages of AGND – 200 mV can be accommodated, but with increased leakage
at high temperature.
12 V
REF = REF IN(+) – REF IN(–).
13 These logic output levels apply to the MCLK OUT only when it is loaded with one CMOS load.
14 Sample tested at +25
°C to ensure compliance.
15 After calibration, if the analog input exceeds positive full scale, the converter will output all 1s. If the analog input is less than negative full scale, the device will
output all 0s.
16 These calibration and span limits apply provided the absolute voltage on the analog inputs does not exceed AV
DD + 30 mV or go more negative than AGND –
30 mV. The offset calibration limit applies to both the unipolar zero point and the bipolar zero point.
17When using a crystal or ceramic resonator across the MCLK pins as the clock source for the device, the DV
DD current and power dissipation will vary depending on
the crystal or resonator type (see Clocking and Oscillator Circuit section).
18If the external master clock continues to run in standby mode, the standby current increases to 150
µA typical at 5 V and 75 µA at 3 V. When using a crystal or
ceramic resonator across the MCLK pins as the clock source for the device, the internal oscillator continues to run in standby mode and the power dissipation
depends on the crystal or resonator type (see Standby Mode section).
19Measured at dc and applies in the selected passband. PSRR at 50 Hz will exceed 120 dB with filter notches of 25 Hz or 50 Hz. PSRR at 60 Hz will exceed 120 dB
with filter notches of 20 Hz or 60 Hz.
20PSRR depends on both gain and AV
DD.
Low Level Input Channels, AIN1 and AIN2
High Level Input Channel, AIN3
Gain
1
2
4
8–128
Gain
1
2
4
8–128
AVDD = 3 V
86
78
85
93
AVDD = 3 V
68606775
AVDD = 5 V
90
78
84
91
AVDD = 5 V
72606673
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com