Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7724 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7724
Description  Dual CMOS Modulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7724 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7724 Datasheet HTML 2Page - Analog Devices AD7724 Datasheet HTML 3Page - Analog Devices AD7724 Datasheet HTML 4Page - Analog Devices AD7724 Datasheet HTML 5Page - Analog Devices AD7724 Datasheet HTML 6Page - Analog Devices AD7724 Datasheet HTML 7Page - Analog Devices AD7724 Datasheet HTML 8Page - Analog Devices AD7724 Datasheet HTML 9Page - Analog Devices AD7724 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
REV. A
AD7724
–6–
PIN FUNCTION DESCRIPTIONS
Mnemonic
Description
AVDD
Analog Positive Supply Voltage, 5 V
± 5%.
AGND
Ground reference point for analog circuitry.
AVIN(–), AVIN(+)
Analog Input to Modulator A. In unipolar operation, the analog input range on AVIN(+) is AVIN(–) to
(AVIN(–) + VREF); for bipolar operation, the analog input range on AVIN(+) is (AVIN(–)
± VREF/2). The
absolute analog input range must lie between 0 and AVDD. The input range is continuously sampled and
processed by the analog modulator.
STBY
Standby, Logic Input. When STBY is high, the device is placed in a low power mode. When STBY is low, the
device is powered up.
MZERO
Digital Control Input. When MZERO is high, the modulator inputs are internally grounded i.e. tied to AGND
in unipolar mode and REF2 in bipolar mode. MZERO allows on-chip offsets to be calibrated out. MZERO is
low for normal operation.
RESET
Reset Logic Input. RESET is an asynchronous input. When RESET is taken high, the sigma-delta modulator
is reset by shorting the integrator capacitors in the modulator. DVAL goes low for 20 MCLK cycles while the
modulator is being reset.
XTAL1
Input to Crystal Oscillator Amplifier. If an external clock is used, XTAL1 should be tied to AGND.
XTAL2/MCLK
Clock Input. An external clock source can be applied directly to this pin with XTAL_OFF tied high. Alterna-
tively, a parallel resonant fundamental frequency crystal, in parallel with a 1 M
Ω resistor, can be connected
between XTAL1 and XTAL2 with XTAL_OFF tied low. External capacitors are then required from the XTAL1
and XTAL2 pins to ground. Consult the crystal manufacturer's recommendation for the load capacitors.
A sine wave can also be used to provide the clock. A sine wave with a voltage swing between 0.4 V p-p and
4 V p-p is needed. XTAL_OFF is tied low and a 1 M
Ω resistor is needed between XTAL1 and XTAL2. A
22 pF capacitor is connected in parallel with this resistor. The sine wave is ac coupled to XTAL1 using a
120 pF capacitor. The use of a sine wave to generate the clock eliminates the need for a square wave clock
source which introduces noise.
DVDD
Digital Supply Voltage, 5 V
± 5%.
DGND
Ground reference for the digital circuitry.
ADATA
Modulator A Bit Stream. The digital bit stream from the sigma-delta modulator is output at ADATA.
BDATA
Modulator B Bit Stream. The digital bit stream from the sigma-delta modulator is output at BDATA.
SCLK
Serial Clock, Logic Output. The bit stream from modulator A and modulator B is valid on the rising edge of
ASCLK.
DVDD1
Digital Supply Voltage for the digital outputs. DVDD1 can have a value of 5 V
± 5% or 3 V ± 5% so that the
logic outputs can be 3 V or 5 V compatible.
DVAL
Data Valid Logic Output. A logic high on DVAL indicates that the data bit stream from the AD7724 is an
accurate digital representation of the analog voltage at the input to the sigma-delta modulator. The DVAL pin
is set low for 20 MCLK cycles if the analog input is overranged.
XTAL_OFF
Oscillator Enable Input. A logic high disables the crystal oscillator amplifier to allow use of an external clock
source. XTAL_OFF is set to a logic low when an external crystal is used between XTAL1 and XTAL2.
BIP
Analog Input Range Select, Logic Input. A logic low on this input selects unipolar mode. A logic high selects
bipolar mode.
GC
Digital Control Input. When GC is high, the gain error of the modulator can be calibrated.
BVIN(–), BVIN(+) Analog Input to Modulator B. In unipolar operation, the analog input range on BVIN(+) is BVIN(–) to
(BVIN(–) + VREF); for bipolar operation, the analog input range on BVIN(+) is (BVIN(–)
± VREF/2). The
absolute analog input range must lie between 0 and AVDD. The input range is continuously sampled and
processed by the analog modulator.
REF2B
Reference Input/Output to Sigma-Delta Modulator B. REF2B connects to the output of an external buffer
amplifier used to drive sigma-delta modulator B. When REF2B is used as an input, REF1 must be connected
to AGND.
REF1
Reference Input/Output. REF1 connects through 3 k
Ω to the output of the internal 2.5 V reference and to the
input of two buffer amplifiers that drive
Σ-∆ modulator A and Σ-∆ modulator B. The pin can be overdriven
with an external 2.5 V reference.
REF2A
Reference Input/Output to Sigma-Delta Modulator A. REF2A connects to the output of an external buffer
amplifier used to drive sigma-delta modulator A. When REF2A is used as an input, REF1 must be connected
to AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com