Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7724 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7724
Description  Dual CMOS Modulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7724 Datasheet(HTML) 1 Page - Analog Devices

  AD7724 Datasheet HTML 1Page - Analog Devices AD7724 Datasheet HTML 2Page - Analog Devices AD7724 Datasheet HTML 3Page - Analog Devices AD7724 Datasheet HTML 4Page - Analog Devices AD7724 Datasheet HTML 5Page - Analog Devices AD7724 Datasheet HTML 6Page - Analog Devices AD7724 Datasheet HTML 7Page - Analog Devices AD7724 Datasheet HTML 8Page - Analog Devices AD7724 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD7724
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
Dual CMOS - Modulators
FUNCTIONAL BLOCK DIAGRAM
AVIN(+)
AVIN(–)
BVIN(+)
BVIN(–)
MZERO
GC
BIP
STBY
RESET
DVDD
DVDD1
DGND
AVDD
AGND
ADATA
SCLK
BDATA
XTAL OFF
XTAL1
XTAL2/MCLK
DVAL
REF1 REF2A
REF2B
CLOCK
CIRCUITRY
AD7724
2.5V
REFERENCE
-
MODULATOR A
-
MODULATOR B
CONTROL
LOGIC
FEATURES
13 MHz Master Clock Frequency
0 V to +2.5 V or
1.25 V Input Range
Single Bit Output Stream
90 dB Dynamic Range
Power Supplies
AVDD, DVDD: 5 V
5%
DVDD1: 3 V
5%
Logic Outputs 3 V/5 V Compatible
On-Chip 2.5 V Voltage Reference
48-Lead LQFP
GENERAL DESCRIPTION
This device consists of two seventh order sigma-delta modula-
tors. Each modulator converts its analog input signal into a high
speed 1-bit data stream. The part operates from a 5 V power
supply and accepts a differential input range of 0 V to +2.5 V or
±1.25 V centered about a common-mode bias. The analog inputs
are continuously sampled by the analog modulators, eliminating
the need for external sample-and-hold circuitry. The input infor-
mation is contained in the output stream as a density of ones.
The original information can be digitally reconstructed with an
appropriate digital filter.
The part provides an accurate on-chip 2.5 V reference for each
modulator. A reference input/output function is provided to
allow either the internal reference or an external system refer-
ence to be used as the reference source for the modulator.
The device is offered in a 48-lead LQFP package and designed
to operate from –40
°C to +85°C.


Similar Part No. - AD7724

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7724 AD-AD7724 Datasheet
272Kb / 16P
Dual CMOS - Modulators
REV. B
AD7724 AD-AD7724 Datasheet
320Kb / 17P
Dual CMOS Modulators
23-Feb-2017
AD7724AST AD-AD7724AST Datasheet
272Kb / 16P
Dual CMOS - Modulators
REV. B
AD7724AST-REEL AD-AD7724AST-REEL Datasheet
272Kb / 16P
Dual CMOS - Modulators
REV. B
AD7724 AD-AD7724_15 Datasheet
293Kb / 16P
Dual CMOS Modulators
REV. B
More results

Similar Description - AD7724

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MADR-007131-000100 MACOM-MADR-007131-000100 Datasheet
352Kb / 6P
Dual Linear Driver for Vector Modulators
logo
M/A-COM Technology Solu...
MADRCC0002 MA-COM-MADRCC0002 Datasheet
136Kb / 7P
Dual Linear Driver for Vector Modulators
logo
Freescale Semiconductor...
MC44CC373CA FREESCALE-MC44CC373CA Datasheet
436Kb / 28P
CMOS Audio/Video RF Modulators
logo
Analog Devices
AD7724AST-REEL AD-AD7724AST-REEL Datasheet
272Kb / 16P
Dual CMOS - Modulators
REV. B
logo
M/A-COM Technology Solu...
MADR-007131-000100 MA-COM-MADR-007131-000100 Datasheet
136Kb / 7P
Dual Linear Driver for Vector Modulators
MADRCC0002 MA-COM-MADRCC0002 Datasheet
136Kb / 7P
Dual Linear Driver for Vector Modulators
logo
Analog Devices
AD7724 AD-AD7724_15 Datasheet
293Kb / 16P
Dual CMOS Modulators
REV. B
logo
M/A-COM Technology Solu...
MADR-007131-000100 MA-COM-MADR-007131-000100_15 Datasheet
136Kb / 7P
Dual Linear Driver for Vector Modulators
MADR-007131 MA-COM-MADR-007131 Datasheet
683Kb / 8P
Dual Linear Driver for Vector Modulators
logo
Analog Devices
AD7724 AD-AD7724_17 Datasheet
320Kb / 17P
Dual CMOS Modulators
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com