Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7724 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7724
Description  Dual CMOS Modulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7724 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7724 Datasheet HTML 6Page - Analog Devices AD7724 Datasheet HTML 7Page - Analog Devices AD7724 Datasheet HTML 8Page - Analog Devices AD7724 Datasheet HTML 9Page - Analog Devices AD7724 Datasheet HTML 10Page - Analog Devices AD7724 Datasheet HTML 11Page - Analog Devices AD7724 Datasheet HTML 12Page - Analog Devices AD7724 Datasheet HTML 13Page - Analog Devices AD7724 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
REV. A
AD7724
–13–
The sampling clock generator should be referenced to the ana-
log ground plane in a split ground system. However, this is not
always possible because of system constraints. In many cases,
the sampling clock must be derived from a higher frequency
multipurpose system clock that is generated on the digital
ground plane. If the clock signal is passed between its origin on
a digital plane to the AD7724 on the analog ground plane, the
ground noise between the two planes adds directly to the clock
and will produce excess jitter. The jitter can cause unwanted
degradation in the signal-to-noise ratio and also produce un-
wanted harmonics.
This can be somewhat remedied by transmitting the sampling
signal as a differential one, using either a small RF transformer
or a high-speed differential driver and receiver such as PECL. In
either case, the original master system clock should be generated
from a low phase noise crystal oscillator.
Offset and Gain Calibration
The analog inputs of the AD7724 can be configured to measure
offset and gain errors. Pins MZERO and GC are used to config-
ure the part. Before calibrating the device, the part should be
reset so that the modulator is in a known state at calibration.
When MZERO is taken high, the analog inputs are tied to AGND
in unipolar mode and VREF in bipolar mode. After taking
MZERO high, 1000 MCLK cycles should be allowed for the
circuitry to settle before the bit stream is read from the device.
The ideal ones density is 50% when bipolar operation is selected
and 37.5% when unipolar mode is selected.
When GC is taken high, VIN(–) is tied to ground while VIN(+)
is tied to VREF. Again, 1000 MCLK cycles should be allowed
for the circuitry to settle before the bit stream is read. The ideal
ones density is 62.5%.
The calibration results apply only for the particular analog input
mode (unipolar/bipolar) selected when performing the calibra-
tion cycle. On changing to a different analog input mode, a new
calibration must be performed.
Before calibrating, ensure that the supplies have settled and that
the voltage on the analog input pins is between the supply voltages.
Standby
The part can be put into a low power standby mode by taking
STBY high. During standby, the clock to the modulators is
turned off and bias is removed from all analog circuits.
Reset
The RESET pin is used to reset the modulators to a known
state. When RESET is taken high, the integrator capacitors of
the modulator are shorted and DVAL goes low and remains low
until 20 MCLK cycles after RESET is deasserted. However, an
additional 1000 MCLK cycles should be allowed before reading
the modulator bit stream as the modulator circuitry needs to
settle after the reset.
DVAL
The DVAL pin is used to indicate that an overrange input signal
has resulted in invalid data at the modulator output. As with all
single-bit DAC high-order sigma-delta modulators, large over-
loads on the inputs can cause the modulator to go unstable. The
modulator is designed to be stable with signals within the input
bandwidth that exceed full-scale by 100%. When instability is
detected by internal circuits, the modulator is reset to a stable
state and DVAL is held low for 20 clock cycles.
Grounding and Layout
Since the analog inputs are differential, most of the voltages in
the analog modulator are common-mode voltages. The excel-
lent common-mode rejection of the part will remove common-
mode noise on these inputs. The analog and digital supplies to
the AD7724 are independent and separately pinned out to mini-
mize coupling between analog and digital sections of the device.
The printed circuit board that houses the AD7724 should be
designed so that the analog and digital sections are separated
and confined to certain areas of the board. This facilitates the
use of ground planes that can be easily separated. A minimum
etch technique is generally best for ground planes as it gives the
best shielding. Digital and analog ground planes should be
joined in only one place. If the AD7724 is the only device
requiring an AGND-to-DGND connection, the ground planes
should be connected at the AGND and DGND pins of the
AD7724. If the AD7724 is in a system where multiple devices
require AGND-to-DGND connections, the connection should
still be made at one point only, a star ground point that should
be established as close as possible to the AD7724.
Avoid running digital lines under the device as these will couple
noise onto the die. The analog ground plane should be allowed
to run under the AD7724 to avoid noise coupling. The power
supply lines to the AD7724 should use as large a trace as pos-
sible to provide low impedance paths and reduce the effects of
glitches on the power supply line. Fast switching signals such as
clocks should be shielded with digital ground to avoid radiating
noise to other sections of the board, and clock signals should
run at right angles to each other. This will reduce the effects of
feedthrough through the board. A microstrip technique is by far
the best, but is not always possible with a double-sided board.
In this technique, the component side of the board is dedicated
to ground planes while signals are placed on the other side.
Good decoupling is important when using high resolution
ADCs. All analog and digital supplies should be decoupled to
AGND and DGND respectively, with 100 nF ceramic capaci-
tors in parallel with 10
µF tantalum capacitors. To achieve the
best from these decoupling capacitors, they should be placed as
close as possible to the device, ideally right up against the
device. In systems where a common supply voltage is used to
drive both the AVDD and DVDD of the AD7724, it is recom-
mended that the system’s AVDD supply be used. This supply
should have the recommended analog supply decoupling between
the AVDD pins of the AD7724 and AGND and the recom-
mended digital supply decoupling between the DVDD pins and
DGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com