Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD779 Datasheet(PDF) 1 Page - Analog Devices

Part # AD779
Description  14-Bit 128 kSPS Complete Sampling ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD779 Datasheet(HTML) 1 Page - Analog Devices

  AD779 Datasheet HTML 1Page - Analog Devices AD779 Datasheet HTML 2Page - Analog Devices AD779 Datasheet HTML 3Page - Analog Devices AD779 Datasheet HTML 4Page - Analog Devices AD779 Datasheet HTML 5Page - Analog Devices AD779 Datasheet HTML 6Page - Analog Devices AD779 Datasheet HTML 7Page - Analog Devices AD779 Datasheet HTML 8Page - Analog Devices AD779 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FUNCTIONAL BLOCK DIAGRAM
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
14-Bit 128 kSPS
Complete Sampling ADC
AD779*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
AC and DC Characterized and Specified (K, B, T
Grades)
128k Conversions per Second
1 MHz Full Power Bandwidth
500 kHz Full Linear Bandwidth
80 dB S/N+D (K, B, T Grades)
Twos Complement Data Format (Bipolar Mode)
Straight Binary Data Format (Unipolar Mode)
10 M
Input Impedance
16-Bit Bus Interface (See AD679 for 8-Bit Interface)
Onboard Reference and Clock
10 V Unipolar or Bipolar Input Range
MIL-STD-883 Compliant Versions Available
PRODUCT DESCRIPTION
The AD779 is a complete, multipurpose 14-bit monolithic
analog-to-digital converter, consisting of a sample-hold amplifier
(SHA), a microprocessor compatible bus interface, a voltage
reference and clock generation circuitry.
The AD779 is specified for ac (or “dynamic”) parameters such
as S/N+D ratio, THD and IMD which are important in signal
processing applications. In addition, the AD779K, B and T
grades are fully specified for dc parameters which are important
in measurement applications.
The 14 data bits are accessed by a 16-bit bus in a single read
operation. Data format is straight binary for unipolar mode and
twos complement binary for bipolar mode. The input has a full-
scale range of 10 V with a full power bandwidth of 1 MHz and a
full linear bandwidth of 500 kHz. High input impedance (10 M
Ω)
allows direct connection to unbuffered sources without signal
degradation.
This product is fabricated on Analog Devices’ BiMOS process,
combining low power CMOS logic with high precision, low
noise bipolar circuits; laser-trimmed thin-film resistors provide
high accuracy. The converter utilizes a recursive subranging
algorithm which includes error correction and flash converter
circuitry to achieve high speed and resolution.
The AD779 operates from +5 V and
±12 V supplies and
dissipates 560 mW (typ). Twenty-eight-pin plastic DIP and
ceramic DIP packages are available.
*Protected by U.S. Patent Numbers 4,804,960; 4,814,767; 4,833,345;
4,250,445; 4,808,908; RE30,586.
PRODUCT HIGHLIGHTS
l. COMPLETE INTEGRATION: The AD779 minimizes
external component requirements by combining a high speed
sample-hold amplifier (SHA), ADC, 5 V reference, clock
and digital interface on a single chip. This provides a fully
specified sampling A/D function unattainable with discrete
designs.
2. SPECIFICATIONS: The AD779K, B and T grades provide
fully specified and tested ac and dc parameters. The AD779J,
A and S grades are specified and tested for ac parameters; dc
accuracy specifications are shown as typicals. DC specifica-
tions (such as INL, gain and offset) are important in control
and measurement applications. AC specifications (such as
S/N+D ratio, THD and IMD) are of value in signal process-
ing applications.
3. EASE OF USE: The pinout is designed for easy board lay-
out, and the single cycle read output provides compatibility
with 16-bit buses. Factory trimming eliminates the need for
calibration modes or external trimming to achieve rated
performance.
4. RELIABILITY: The AD779 utilizes Analog Devices’
monolithic BiMOS technology. This ensures long term
reliability compared to multichip and hybrid designs.
5. The AD779 is available in versions compliant with MIL-
STD-883. Refer to the Analog Devices Military Products
Databook or current AD779/883B data sheet for detailed
specifications.


Similar Part No. - AD779

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7790 AD-AD7790 Datasheet
299Kb / 20P
Low Power, 16-Bit Buffered Sigma-Delta ADC
AD7790 AD-AD7790 Datasheet
223Kb / 5P
Devices Connected
Rev. 0
AD7790 AD-AD7790 Datasheet
466Kb / 21P
Low Power, 16-Bit Buffered Sigma-Delta ADC
A
AD7790B AD-AD7790B Datasheet
299Kb / 20P
Low Power, 16-Bit Buffered Sigma-Delta ADC
AD7790BRM AD-AD7790BRM Datasheet
299Kb / 20P
Low Power, 16-Bit Buffered Sigma-Delta ADC
More results

Similar Description - AD779

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD678 AD-AD678 Datasheet
311Kb / 14P
12-Bit 200 kSPS Complete Sampling ADC
AD679 AD-AD679 Datasheet
360Kb / 12P
14-Bit 128 kSPS Complete Sampling ADC
AD679 AD-AD679_04 Datasheet
161Kb / 16P
14-Bit 128 kSPS Complete Sampling ADC
REV. D
AD679JNZ AD-AD679JNZ Datasheet
161Kb / 16P
14-Bit 128 kSPS Complete Sampling ADC
REV. D
AD7863 AD-AD7863 Datasheet
1Mb / 24P
Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
REV. B
AD1679 AD-AD1679_15 Datasheet
4Mb / 12P
14 BIT 100 KSPS COMPLETE SAMPLING ADC
AD678 AD-AD678_15 Datasheet
305Kb / 14P
12-Bit 200 kSPS Complete Sampling ADC
REV. C
AD679 AD-AD679_15 Datasheet
161Kb / 16P
14-Bit 128 kSPS Complete Sampling ADC
REV. D
AD7863 AD-AD7863_15 Datasheet
1Mb / 24P
Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
REV. B
AD7863 AD-AD7863_17 Datasheet
453Kb / 25P
Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com