Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7856ARS Datasheet(PDF) 27 Page - Analog Devices

Part # AD7856ARS
Description  5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7856ARS Datasheet(HTML) 27 Page - Analog Devices

Back Button AD7856ARS Datasheet HTML 23Page - Analog Devices AD7856ARS Datasheet HTML 24Page - Analog Devices AD7856ARS Datasheet HTML 25Page - Analog Devices AD7856ARS Datasheet HTML 26Page - Analog Devices AD7856ARS Datasheet HTML 27Page - Analog Devices AD7856ARS Datasheet HTML 28Page - Analog Devices AD7856ARS Datasheet HTML 29Page - Analog Devices AD7856ARS Datasheet HTML 30Page - Analog Devices AD7856ARS Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
AD7856
–27–
REV. A
Interface Mode 2 Configuration
Figure 35 shows the flowchart for configuring the part in Inter-
face Mode 2. In this case the read and write operations take
place simultaneously via the serial port. Writing all 0s ensures
APPLY
SYNC (IF REQUIRED), SCLK, WRITE
TO CONTROL REGISTER SETTING NEXT
CHANNEL, CONVST BIT TO 1, READ
PREVIOUS CONVERSION RESULT ON
DOUT PIN (NOTE 1)
INITIATE
CONVERSION
IN
SOFTWARE
?
START
POWER-ON, APPLY CLKIN SIGNAL,
WAIT 150ms FOR AUTOMATIC CALIBRATION
PULSE
CONVST PIN
WAIT FOR BUSY SIGNAL TO GO LOW
OR
WAIT FOR BUSY BIT = 0
NO
SERIAL
INTERFACE
MODE
?
NO
YES
YES
APPLY
SYNC (IF REQUIRED), SCLK, READ
CURRENT CONVERSION RESULT ON
DOUT PIN, AND WRITE CHANNEL SELECTION
NOTE 1: WHEN USING THE SOFTWARE CONVERSION START AND TRANSFERRING DATA
DURING CONVERSION, THE USER MUST ENSURE THAT THE CONTROL REGISTER WRITE
OPERATION EXTENDS BEYOND THE FALLING EDGE OF BUSY. THE FALLING EDGE OF
BUSY RESETS THE CONVST BIT TO 0 AND ONLY AFTER THIS TIME CAN IT BE
REPROGRAMMED TO 1 TO START THE NEXT CONVERSION.
WAIT APPROX 200ns AFTER
CONVST RISING EDGE
APPLY
SYNC (IF REQUIRED), SCLK, READ
PREVIOUS CONVERSION RESULT ON DOUT
PIN, AND WRITE CHANNEL SELECTION
TRANSFER
DATA DURING
CONVERSION
?
NO
APPLY
SYNC (IF REQUIRED), SCLK, WRITE
TO CONTROL REGISTER SETTING NEXT
CHANNEL, CONVST BIT TO 1, READ
RESULT ON DOUT PIN FOR
CONVERSION JUST COMPLETED
WAIT FOR BUSY SIGNAL TO GO LOW
OR
WAIT FOR BUSY BIT = 0
YES
2
TRANSFER
DATA DURING
CONVERSION
?
Figure 35. Flowchart for Setting Up, Reading and Writing in Interface Mode 2
that no valid data is written to any of the registers. When using
the software conversion start and transferring data during con-
version, Note 1 must be obeyed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com