Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7856ARS Datasheet(PDF) 30 Page - Analog Devices

Part # AD7856ARS
Description  5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7856ARS Datasheet(HTML) 30 Page - Analog Devices

Back Button AD7856ARS Datasheet HTML 24Page - Analog Devices AD7856ARS Datasheet HTML 25Page - Analog Devices AD7856ARS Datasheet HTML 26Page - Analog Devices AD7856ARS Datasheet HTML 27Page - Analog Devices AD7856ARS Datasheet HTML 28Page - Analog Devices AD7856ARS Datasheet HTML 29Page - Analog Devices AD7856ARS Datasheet HTML 30Page - Analog Devices AD7856ARS Datasheet HTML 31Page - Analog Devices AD7856ARS Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
AD7856
–30–
REV. A
Avoid running digital lines under the device as these will couple
noise onto the die. The analog ground plane should be allowed
to run under the AD7856 to avoid noise coupling. The power
supply lines to the AD7856 should use as large a trace as pos-
sible to provide low impedance paths and reduce the effects of
glitches on the power supply line. Fast switching signals like
clocks should be shielded with digital ground to avoid radiating
noise to other sections of the board, and clock signals should
never be run near the analog inputs. Avoid crossover of digital
and analog signals. Traces on opposite sides of the board should
run at right angles to each other. This will reduce the effects of
feedthrough through the board. A microstrip technique is by far
the best, but is not always possible with a double-sided board.
In this technique, the component side of the board is dedicated
to ground planes while signals are placed on the solder side.
Good decoupling is also important. All analog supplies should
be decoupled with 10
µF tantalum in parallel with 0.1 µF ca-
pacitors to AGND. All digital supplies should have a 0.1
µF
disc ceramic capacitor to AGND. To achieve the best from
these decoupling components, they must be placed as close as
possible to the device, ideally right up against the device. In
systems where a common supply voltage is used to drive both
the AVDD and DVDD of the AD7856, it is recommended that
the system’s AVDD supply be used. In this case there should be a
10
Ω resistor between the AV
DD pin and DVDD pin. This supply
should have the recommended analog supply decoupling capaci-
tors between the AVDD pin of the AD7856 and AGND and the
recommended digital supply decoupling capacitor between the
DVDD pin of the AD7856 and DGND.
Evaluating the AD7856 Performance
The recommended layout for the AD7856 is outlined in the
evaluation board for the AD7856. The evaluation board pack-
age includes a fully assembled and tested evaluation board,
documentation and software for controlling the board from the
PC via the EVAL-CONTROL BOARD. The EVAL-CON-
TROL BOARD can be used in conjunction with the AD7856
Evaluation board, as well as many other Analog Devices evalua-
tion boards ending in the CB designator, to demonstrate/evalu-
ate the ac and dc performance of the AD7856.
The software allows the user to perform ac (fast Fourier trans-
form) and dc (histogram of codes) tests on the AD7856. It also
gives full access to all the AD7856 on-chip registers allowing for
various calibration and power-down options to be programmed.
AD785x Family
12 bits, 200 kSPS, 3.0 V to 5.5 V:
AD7853 – Single-Channel Serial
AD7854 – Single-Channel Parallel
AD7858 – 8-Channel Serial
AD7859 – 8-Channel Parallel
14 bits, 333 kSPS, 4.75 V to 5.25 V:
AD7851 – Single-Channel Serial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com