Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7856ARS Datasheet(PDF) 28 Page - Analog Devices

Part # AD7856ARS
Description  5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7856ARS Datasheet(HTML) 28 Page - Analog Devices

Back Button AD7856ARS Datasheet HTML 24Page - Analog Devices AD7856ARS Datasheet HTML 25Page - Analog Devices AD7856ARS Datasheet HTML 26Page - Analog Devices AD7856ARS Datasheet HTML 27Page - Analog Devices AD7856ARS Datasheet HTML 28Page - Analog Devices AD7856ARS Datasheet HTML 29Page - Analog Devices AD7856ARS Datasheet HTML 30Page - Analog Devices AD7856ARS Datasheet HTML 31Page - Analog Devices AD7856ARS Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
AD7856
–28–
REV. A
MICROPROCESSOR INTERFACING
In many applications, the user may not require the facility of
writing to most of the on-chip registers. The only writing neces-
sary is to set the input channel configuration. After this the
CONVST is applied, a conversion is performed and the result
may be read using the SCLK to clock out the data from the
output register onto the DOUT pin. At the same time, a write
operation occurs and this may consist of all 0s where no data is
written to the part or may set a different input channel configu-
ration for the next conversion. The SCLK may be connected to
the CLKIN pin if the user does not want to have to provide
separate serial and master clocks. With this arrangement the
SYNC signal must be low for 16 SCLK cycles for the read and
write operations.
DIN
DOUT
SYNC
CONVST
CLKIN
SCLK
AD7856
4MHz/6MHz
MASTER CLOCK
SYNC SIGNAL TO
GATE THE SCLK
SERIAL DATA
OUTPUT
CONVERSION START
SERIAL DATA INPUT
Figure 36. Simplified Interface Diagram
AD7856 to 8XC51 Interface
Figure 37 shows the AD7856 interface to the 8XC51. The
8XC51 only runs at 5 V. The 8XC51 is in Mode 0 operation.
This is a two-wire interface consisting of the SCLK and the
DIN which acts as a bidirectional line. The
SYNC is tied low.
The BUSY line can be used to give an interrupt driven system
but this would not normally be the case with the 8XC51. For
the 8XC51 12 MHz version the serial clock will run at a maxi-
mum of 1 MHz so the serial interface of the AD7856 will only
be running at 1 MHz. The CLKIN signal must be provided
separately to the AD7856 from a port line on the 8XC51 or
from a source other than the 8XC51. Here the SCLK cannot be
tied to the CLKIN as the
SYNC is permanently tied low. The
CONVST signal can be provided from an external timer or
conversion can be started in software if required. The sequence
of events would typically be writing to the control register via
the DIN line setting a conversion start and the 2-wire interface
mode (this would be performed in two 8-bit writes), wait for the
conversion to be finished (3.5
µs with 6 MHz CLKIN), read the
conversion result data on the DIN line (this would be performed
in two 8-bit reads), and repeat the sequence. The maximum
serial frequency will be determined by the data access and hold
times of the 8XC51 and the AD7856.
8XC51
P3.0
P3.1
AD7856
CONVST
CLKIN
SCLK
DIN
SYNC
OPTIONAL
4MHz/6MHz
BUSY
(INT0/P3.2)
MASTER
SLAVE
OPTIONAL
Figure 37. 8XC51/PIC16C42 Interface
AD7856 to 68HC11/16/L11/PIC16C42 Interface
Figure 38 shows the AD7856 SPI/QSPI interface to the 68HC11/
16/L11/PIC16C42. The AD7856 is in Interface Mode 2. The
SYNC line is not used and is tied to DGND. The
µController is
configured as the master, by setting the MSTR bit in the SPCR
to 1, and provides the serial clock on the SCK pin. For all the
µControllers the CPOL bit is set to 1 and for the 68HC11/16/L11
the CPHA bit is set to 1. The CLKIN and
CONVST signals can
be supplied from the
µController or from separate sources. The
BUSY signal can be used as an interrupt to tell the
µController
when the conversion is finished, then the reading and writing
can take place. If required, the reading and writing can take
place during conversion and there will be no need for the BUSY
signal in this case.
For the 68HC16, the word length should be set to 16 bits and
the
SS line should be tied to the SYNC pin for the QSPI inter-
face. The micro-sequencer and RAM associated with the 68HC16
QSPI port can be used to perform a number of read and write
operations, and store the conversion results in memory, inde-
pendent of the CPU. This is especially useful when reading the
conversion results from all eight channels consecutively. The
command section of the QSPI port RAM would be programmed
to perform a conversion on one channel, read the conversion
result, perform a conversion on the next channel, read the con-
version result, and so on until all eight conversion results are
stored into the QSPI RAM.
A typical sequence of events would be writing to the control
register via the DIN line setting a conversion start and at the
same time reading data from the previous conversion on the
DOUT line (both the read and write operations would each be
two 8-bit operations, one 16-bit operation for the 68HC16),
wait for the conversion to be finished (= 3.5
µs for AD7856 with
6 MHz CLKIN), and then repeat the sequence. The maximum
serial frequency will be determined by the data access and hold
times of the
µControllers and the AD7856.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com