Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8022 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8022
Description  Dual High-Speed Low-Noise Op Amps
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8022 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8022 Datasheet HTML 3Page - Analog Devices AD8022 Datasheet HTML 4Page - Analog Devices AD8022 Datasheet HTML 5Page - Analog Devices AD8022 Datasheet HTML 6Page - Analog Devices AD8022 Datasheet HTML 7Page - Analog Devices AD8022 Datasheet HTML 8Page - Analog Devices AD8022 Datasheet HTML 9Page - Analog Devices AD8022 Datasheet HTML 10Page - Analog Devices AD8022 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
AD8022
–7–
REV. 0
OUTPUT VOLTAGE – Volts p-p
–20
0
–30
–40
–50
–60
–70
–80
–90
–100
–120
510
15
20
3RD
2ND
Figure 15. Distortion vs. Output Voltage, VS = ±12 V,
G = 2, f = 1 MHz, RL = 500 Ω, RF = 715 Ω
FREQUENCY – Hz
–60
–70
–80
–90
–100
10k
100k
1M
1k
–110
–120
–130
–50
2ND
3RD
Figure 16. Distortion vs. Frequency, VS = ±12 V,
RL = 500 Ω, RF = 715 Ω, VOUT = 2 V p-p, Gain = 1
250
715
715
500
+V
–V
AD8022
1/2
AD8022
1/2
Figure 17. Multitone Power Ratio Test Circuit
OUTPUT VOLTAGE – Volts p-p
0
0
–20
–40
–60
–80
–100
–120
1.0
1.5
2.0
3.0
0.5
2.5
3RD
2ND
Figure 18. Distortion vs. Output Voltage, VS = ±2.5 V,
G = 2, f = 1 MHz, RL = 500 Ω, RF = 715 Ω
FREQUENCY – Hz
–60
–70
–80
–90
–100
10k
100k
1M
1k
–110
–120
–130
–50
2ND
3RD
Figure 19. Distortion vs. Frequency, VS = ±2.5 V,
RL = 500 Ω, RF = 715 Ω, VOUT = 2 V p-p, Gain = 1
4
3
2
1
0
–1
–2
–3
–4
–12.5
–10.0 –7.5
–5.0
–2.5
0
2.5
5.0
7.5
10.0
12.5
VCM – Volts
VS = 12V
VS = 2.5V
1k
500
V
OUT
V
IN
1k
1k
1k
-
Figure 20. Input Common-Mode Voltage Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com