Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8022 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8022
Description  Dual High-Speed Low-Noise Op Amps
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8022 Datasheet(HTML) 3 Page - Analog Devices

  AD8022 Datasheet HTML 1Page - Analog Devices AD8022 Datasheet HTML 2Page - Analog Devices AD8022 Datasheet HTML 3Page - Analog Devices AD8022 Datasheet HTML 4Page - Analog Devices AD8022 Datasheet HTML 5Page - Analog Devices AD8022 Datasheet HTML 6Page - Analog Devices AD8022 Datasheet HTML 7Page - Analog Devices AD8022 Datasheet HTML 8Page - Analog Devices AD8022 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
–3–
REV. 0
AD8022
(@ 25 C, VS =
2.5 V, RL = 500
, G = 1, TMIN = –40 C, TMAX = +85 C, unless
otherwise noted)
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Small Signal Bandwidth
VOUT = 0.2 V p-p
94
MHz
Bandwidth for 0.1 dB Flatness
VOUT = 0.2 V p-p
22
MHz
Large Signal Bandwidth
VOUT = 3 V p-p
10
MHz
Slew Rate
VOUT = 2 V p-p, G = 2
42
V/
µs
Rise and Fall Time
VOUT = 2 V p-p, G = 2
40
ns
Settling Time 0.1%
VOUT = 2 V p-p
75
ns
Overdrive Recovery Time
VOUT = 150% of Max Output
Voltage, G = 2
225
ns
NOISE/DISTORTION PERFORMANCE
Distortion
VOUT = 2 V p-p
Second Harmonic
fC = 1 MHz
–77.5
dBc
Third Harmonic
fC = 1 MHz
–94
dBc
Multitone Input Power Ratio
1
G = 7 Differential, VS =
±6 V
26 kHz to 132 kHz
–69
dBc
144 kHz to 1.1 MHz
–66.7
dBc
Voltage Noise (RTI)
f = 100 kHz
2.3
nV/
√Hz
Input Current Noise
f = 100 kHz
1
pA/
√Hz
INPUT CHARACTERISTICS
RTI Offset Voltage
–5.0
–0.8
+5.0
mV
TMIN to TMAX
–6.25
+6.25
mV
Input Bias Current
–5.0
+2.0
+5.0
µA
TMIN to TMAX
7.5
µA
Input Resistance (Differential)
20
k
Ω
Input Capacitance
0.7
pF
Input Common-Mode Voltage Range
–1.83 to +2.5
V
OUTPUT CHARACTERISTICS
Output Voltage Swing
Single-Ended
–1.38
+1.48
V
Short Circuit Output Current
80
mA
Capacitive Load Drive
RS = 0
Ω, <3 dB of Peaking
75
pF
POWER SUPPLY
Operating Range
+4.5
±13.0
V
Quiescent Current
3.5
4.25
mA/Amp
TMIN to TMAX
4.4
mA
Power Supply Rejection Ratio
∆V
S =
±1 V
86
dB
OPERATING TEMPERATURE RANGE
–40
+85
°C
NOTES
1Multitone testing performed with 800 mV rms across a 500
Ω load at Points A and B on Figure 17.
Specifications subject to change without notice.
SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com