Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8022 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8022
Description  Dual High-Speed Low-Noise Op Amps
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8022 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8022 Datasheet HTML 7Page - Analog Devices AD8022 Datasheet HTML 8Page - Analog Devices AD8022 Datasheet HTML 9Page - Analog Devices AD8022 Datasheet HTML 10Page - Analog Devices AD8022 Datasheet HTML 11Page - Analog Devices AD8022 Datasheet HTML 12Page - Analog Devices AD8022 Datasheet HTML 13Page - Analog Devices AD8022 Datasheet HTML 14Page - Analog Devices AD8022 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AD8022
–13–
REV. 0
AD8022
AD8022
U27
U27
12V
1k
1%
1k
1%
1
8
3
2
7
4
6
5
1.69k
1%
0.1 F
50V
5%
NPO
820pF
10%
820pF
10%
680pF
5% NPO
2.43k
1%
1.91k
1%
6V
0.1 F
16V
10%
X7R
2.43k
1%
1.91k
1%
680pF
5% NPO
Figure 38. Differential Input Sallen-Key Filter Using
AD8022 on Single Supply, 12 V
EVALUATION BOARDS
The evaluation board layout of Figures 40, 41, and 42 is our
standard dual SOIC noninverting evaluation circuit offering
the ability to evaluate the AD8022 in typical op amp circuits,
is available from Analog Devices Inc. In addition, the AD8022
receiver function may be added to on our ADSL EVAL boards.
The AD8016ARB-EVAL, the AD8016ARP-EVAL, the
AD8017AR-EVAL and AD8018ARU-EVAL boards are avail-
able through Analog Devices. These platforms provide the
capability to fully evaluate the Analog Devices ADSL trans-
ceiver hybrid. All of the ADSL evaluation boards mentioned
above can accommodate the evaluation of the AD8022 as a
receiver amplifier when installed in the U2 location. The receiver
circuit on these boards is typically unpopulated. Requesting
samples of the AD8022 along with the EVAL board of your
choice will provide the capability to evaluate the AD8022 along
with many other Analog Devices ADSL line driver products in a
typical transceiver circuit. The evaluation circuits have been
designed to replicate the CPE or CO side analog transceiver
hybrid circuits.
The ADSL EVAL circuits mentioned above are designed using a
two transformer transceiver topology, including a line receiver, line
driver, line matching network, an RJ11 jack for interfacing to
line simulators, and transformer-coupled inputs for single-to-
differential input conversion.
Layout Considerations
As is the case with all “hi speed” amplifiers, careful attention to
printed circuit board layout details will prevent associated board
parasitics from becoming problematic. Proper RF design technique
is mandatory. The PCB should have a ground plane covering all
unused portions of the component side of the board to provide a
low-impedance return path. Removing the ground plane from
the area near the input signal lines will reduce stray capacitance.
Chip capacitors should be used for the supply bypassing. One
end of the capacitor connected to the ground plane and the other
no more than 1/8 inch away from each supply pin. An additional
large (0.47
µF to 10 µF) tantalum capacitor should be connected
in parallel, although not necessarily as close, in order to supply
current for fast, large signal changes at the AD8022 output.
Signal lines connecting the feedback and gain resistors should
be as short as possible, minimizing the inductance and stray
capacitance associated with these traces. Locate termination
resistors and loads as close as possible to the input(s) and out-
put respectively. Adhere to stripline design techniques for long
signal traces (greater than about 1 inch). Following these
generic guidelines will improve the performance of the AD8022
in all applications.
FREQUENCY – Hz
10k
–47.5
100k
1M
10M
–42.5
–37.5
–32.5
–27.5
–22.5
–17.5
–12.5
–7.5
–2.5
2.5
7.5
Figure 39. Frequency Response of Sallen-Key Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com